Electronic Components Datasheet Search |
|
XRSB-40U05L Datasheet(PDF) 3 Page - Bel Fuse Inc. |
|
XRSB-40U05L Datasheet(HTML) 3 Page - Bel Fuse Inc. |
3 / 13 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ISOLATED DC/DC CONVERTERS 24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick Output Specifications (continued) Parameter Min Typ Max Notes Current Limit Threshold Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 21 A 19 A 17 A 14 A 11 A 8.8 A 4.2 A 25 A 22 A 20 A 17 A 14 A 10 A 5 A 29 A 26 A 23 A 20 A 16 A 12.5 A 6 A Ripple and Noise (rms) Vo=1.2 V - 1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V - - - - - 6 mV 10 mV 12 mV 25 mV 30 mV 12 mV 20 mV 25 mV 50 mV 55 mV Ripple and Noise (pk-pk) Vo=1.2 V - 1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V - - - - - 40 mV 45 mV 55 mV 70 mV 90 mV 70 mV 80 mV 90 mV 120 mV 180 mV Tested at 0-20 MHz BW, with a 1 uF ceramic capacitor and a 10 uF Tantalum capacitor at the output. Turn on Time - 25 mS 50 mS Overshoot at Turn on - 0% 5% Output Capacitance Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 470 uF 470 uF 470 uF 470 uF 330 uF 150 uF 10 uF - - - - - - - - 15000 uF 10000 uF 10000 uF 5600 uF 4700 uF 2200 uF 220 uF Recommend to use AVX TPS series Tantalum capacitor as min capacitor. Transient Response Overshoot - 60 mV 110 mV 25% ~ 50% Max Load Settling Time - 80 uS 150 uS Overshoot - 60 mV 110 mV 50% ~ 25% Max Load Settling Time Vo=1.2 V - 80 uS 150 uS Overshoot - 60 mV 110 mV 25% ~ 50% Max Load Settling Time - 80 uS 150 uS Overshoot - 60 mV 110 mV 50% ~ 25% Max Load Settling Time Vo=1.5 -1.8 V - 80 uS 150 uS Overshoot - 180 mV 250 mV 25% ~ 50% Max Load Settling Time - 80 uS 150 uS Overshoot - 180 mV 250 mV 50% ~ 25% Max Load Settling Time Vo=2.5 -3.3 V - 80 uS 150 uS Overshoot - 250 mV 350 mV 25% ~ 50% Max Load Settling Time - 100 uS 200 uS Overshoot - 250 mV 350 mV 50% ~ 25% Max Load Settling Time Vo=5.0 V - 100 uS 200 uS Overshoot - 400 mV 650 mV 25% ~ 50% Max Load Settling Time - 150 uS 300 uS Overshoot - 400 mV 650 mV 50% ~ 25% Max Load Settling Time Vo=12 V - 150 uS 300 uS Test conditions: di/dt = 0.1 A/uS, Vin=48 V, with a 1 uF ceramic capacioor and a Min Capacitance of Tantalum capacitor at the output Note: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated. |
Similar Part No. - XRSB-40U05L |
|
Similar Description - XRSB-40U05L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |