Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40U05L Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # XRSB-40U05L
Description  ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40U05L Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button XRSB-40U05L Datasheet HTML 2Page - Bel Fuse Inc. XRSB-40U05L Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40U05L Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40U05L Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40U05L Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40U05L Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40U05L Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40U05L Datasheet HTML 9Page - Bel Fuse Inc. XRSB-40U05L Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
Efficiency Data
50%
55%
60%
65%
70%
75%
80%
85%
90%
1.80
4.50
9.00
13.50
18.00
OUTPUT CURRENT (A)
18V
24V
48V
75V
50%
55%
60%
65%
70%
75%
80%
85%
90%
1.00
2.50
5.00
7.50
10.00
OUTPUT CURRENT (A)
18V
24V
48V
75V
xRSB-40UV2x
xRSB-40U03x
50%
55%
60%
65%
70%
75%
80%
85%
90%
0.80
2.00
4.00
6.00
8.00
OUTPUT CURRENT (A)
18V
24V
48V
75V
50%
55%
60%
65%
70%
75%
80%
85%
90%
0.35
0.88
1.75
2.63
3.50
OUTPUT CURRENT (A)
18V
24V
48V
75V
xRSB-40U05x
xRSB-40U12x


Similar Part No. - XRSB-40U05L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40U05L BEL-XRSB-40U05L Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
xRSB-40U05L BEL-xRSB-40U05L Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40U05L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com