Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40UV20 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # XRSB-40UV20
Description  ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40UV20 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  XRSB-40UV20 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Current (no load)
-
60 mA
120 mA
Remote Off Input Current
-
1 mA
3 mA
Input Reflected Ripple Current (pk-pk)
-
20 mA
50 mA
Input Reflected Ripple Current (rms)
-
3 mA
7 mA
Tested with simulated source impedance of
15 uH, 5 Hz to 20 MHz; use a 100 uF/100 V
electrolytic capacitor with ESR=1 ohm max
at 200 kHz at the input.
I
2t Inrush Current Transient
-
0.01 A
2s0.02 A2s
Turn On Voltage Threshold
16.6 V
17.2 V
17.8 V
Turn Off Voltage Threshold
16.2 V
16.8 V
17.4 V
Note:
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
1.182 V
1.478 V
1.773 V
2.463 V
3.250 V
4.925 V
11.750 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
12 V
1.218 V
1.523 V
1.827 V
2.538 V
3.350 V
5.075 V
12.250 V
Test conditions:
Vin=48 V; Io=50%
load
Line Regulation
Vo=1.2 V - 1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
±0.5 mV
±1.0 mV
±3.0 mV
±4.0 mV
±6.0 mV
±3 mV
±4 mV
±8 mV
±9 mV
±15 mV
Load Regulation
Vo=1.2 - 2.5 V
Vo=3.3 - 5.0 V
Vo=12 V
-
-
-
±3 mV
±4 mV
±9 mV
±5 mV
±9 mV
±18 mV
Regulation Over Temperature(-40
°C to +85 °C)
Vo=1.2 V
Vo=1.5 - 1.8 V
Vo=2.5 - 3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
±4 mV
±6 mV
±9 mV
±15 mV
±20 mV
±9 mV
±14 mV
±16 mV
±30 mV
±35 mV
Output Current
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
0 A
0 A
0 A
0 A
0 A
0 A
0 A
-
-
-
-
-
-
-
-
18 A
16 A
14 A
12 A
10 A
8 A
3.5 A
Short Circuit Surge Transient
-
0.5 A
2s
1 A
2s


Similar Part No. - XRSB-40UV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40UV20 BEL-XRSB-40UV20 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
xRSB-40UV20 BEL-xRSB-40UV20 Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40UV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com