Electronic Components Datasheet Search |
|
XRSB-40UV20 Datasheet(PDF) 1 Page - Bel Fuse Inc. |
|
XRSB-40UV20 Datasheet(HTML) 1 Page - Bel Fuse Inc. |
1 / 13 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ISOLATED DC/DC CONVERTERS 24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick • Isolated • Input Under Voltage Lockout • Fixed Frequency • Output Over Voltage Shutdown • High Efficiency • OCP/SCP • High Power Density • Over Temperature Protection • Low Cost • Wide Input Voltage • Output Voltage Trim • Positive/Negative Remote Sense • Basic Insulation • Remote On/Off Logic (Option) • Through Hole and SMT(Option) • Input Over Voltage Protection Description The xRSB-40U series are isolated dc/dc converters that operate from a nominal 24 Vdc or 48 Vdc source. These units will provide up to 40 W of output power from an 18 Vdc - 75 Vdc wide input range. These units are designed to be highly efficient and low cost. Features include remote on/off, over current protection and under voltage lockout. These converters are provided in an industry standard sixteenth brick package. Part Selection Output Voltage Input Voltage Max. Output Current Max. Output Power Typical Efficiency Model Number Active Low Model Number Active High 1.2 Vdc 18 Vdc - 75 Vdc 18 A 22 W 82% xRSB-40UV2L xRSB-40UV20 1.5 Vdc 18 Vdc - 75 Vdc 16 A 24 W 84% xRSB-40UV5L xRSB-40UV50 1.8 Vdc 18 Vdc - 75 Vdc 14 A 25 W 85% xRSB-40UV8L xRSB-40UV80 2.5 Vdc 18 Vdc - 75 Vdc 12 A 30 W 86% xRSB-40U02L xRSB-40U025 3.3 Vdc 18 Vdc - 75 Vdc 10 A 33 W 87.5% xRSB-40U03L xRSB-40U033 5.0 Vdc 18 Vdc - 75 Vdc 8 A 40 W 87% xRSB-40U05L xRSB-40U050 12 Vdc 18 Vdc - 75 Vdc 3.5 A 42 W 85% xRSB-40U12L xRSB-40U120 Notes: 1. Add “G” suffix at the end of the model number to indicate Tray Packaging. Replace”x” with “S” to indicate SMT package, or “0” to indicate through hole package. 2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers. Absolute Maximum Ratings Parameter Min Typ Max Notes Input Voltage (continuous) -0.3 V - 80 V Remote On/Off -0.3 V - 18 V I/O Isolation Voltage - - 1500 V Ambient Temperature -40 °C - 85 °C Storage Temperature -55 °C - 125 °C Input Specifications Parameter Min Typ Max Notes Input Voltage 18 V 48 V 75 V Input Current (full load) Vo=1.2 V - 1.8 V Vo=2.5 V - 3.3 V Vo=5.0 V - 12 V - - - - - - 2.5 A 3.0 A 3.5 A xRSB-40U Series RoHS Compliant Rev.A |
Similar Part No. - XRSB-40UV20 |
|
Similar Description - XRSB-40UV20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |