Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40UV80 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # XRSB-40UV80
Description  ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40UV80 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  XRSB-40UV80 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-40UV80 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-40UV80 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40UV80 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40UV80 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40UV80 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40UV80 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40UV80 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40UV80 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
78%
79%
81%
83%
85%
85%
83%
82%
84%
85%
86%
87.5%
87%
85%
-
-
-
-
-
-
Vin=48 V, full load
Switching Frequency
Vo=1.2 V -12 V
Vo=1.8 V
450 kHz
500 kHz
500 kHz
550 kHz
550 kHz
600 kHz
Isolation Capacitance
-
3900 pF
-
Over Temperature Protection
-
125
°C
-
Output Voltage Trim Range
90% Vo
-
110% Vo
Over Voltage Protection
-
130% Vo
160% Vo
Test conditions: Vin=48 V, full load and
short the feedback optocoupler.
MTBF
TBD
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
1.3 x 0.9 x 0.446
33.0 x 22.9 x 11.34
SRSB-40Uxxx
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.3 x 0.9 x 0.460
33.0 x 22.9 x 11.39
0RSB-40Uxxx
Weight
-
14 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
Active Low
2.4 V
-
18 V
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
Active High
2.4 V
-
18 V
When Remote On/Off pin is
open, for active low option, unit
is off; for active high option, unit
is on
Current Sink
-
0 mA
-
1 mA


Similar Part No. - XRSB-40UV80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40UV80 BEL-XRSB-40UV80 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
xRSB-40UV80 BEL-xRSB-40UV80 Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40UV80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com