Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40U033 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # XRSB-40U033
Description  ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40U033 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  XRSB-40U033 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-40U033 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-40U033 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40U033 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40U033 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40U033 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40U033 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40U033 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40U033 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Current Limit Threshold
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
21 A
19 A
17 A
14 A
11 A
8.8 A
4.2 A
25 A
22 A
20 A
17 A
14 A
10 A
5 A
29 A
26 A
23 A
20 A
16 A
12.5 A
6 A
Ripple and Noise (rms)
Vo=1.2 V - 1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
6 mV
10 mV
12 mV
25 mV
30 mV
12 mV
20 mV
25 mV
50 mV
55 mV
Ripple and Noise (pk-pk)
Vo=1.2 V - 1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
40 mV
45 mV
55 mV
70 mV
90 mV
70 mV
80 mV
90 mV
120 mV
180 mV
Tested at 0-20 MHz
BW, with a 1 uF
ceramic capacitor and
a 10 uF Tantalum
capacitor at the
output.
Turn on Time
-
25 mS
50 mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
470 uF
470 uF
470 uF
470 uF
330 uF
150 uF
10 uF
-
-
-
-
-
-
-
-
15000 uF
10000 uF
10000 uF
5600 uF
4700 uF
2200 uF
220 uF
Recommend to use
AVX TPS series
Tantalum capacitor as
min capacitor.
Transient Response
Overshoot
-
60 mV
110 mV
25% ~ 50%
Max Load
Settling Time
-
80 uS
150 uS
Overshoot
-
60 mV
110 mV
50% ~ 25%
Max Load
Settling Time
Vo=1.2 V
-
80 uS
150 uS
Overshoot
-
60 mV
110 mV
25% ~ 50%
Max Load
Settling Time
-
80 uS
150 uS
Overshoot
-
60 mV
110 mV
50% ~ 25%
Max Load
Settling Time
Vo=1.5 -1.8 V
-
80 uS
150 uS
Overshoot
-
180 mV
250 mV
25% ~ 50%
Max Load
Settling Time
-
80 uS
150 uS
Overshoot
-
180 mV
250 mV
50% ~ 25%
Max Load
Settling Time
Vo=2.5 -3.3 V
-
80 uS
150 uS
Overshoot
-
250 mV
350 mV
25% ~ 50%
Max Load
Settling Time
-
100 uS
200 uS
Overshoot
-
250 mV
350 mV
50% ~ 25%
Max Load
Settling Time
Vo=5.0 V
-
100 uS
200 uS
Overshoot
-
400 mV
650 mV
25% ~ 50%
Max Load
Settling Time
-
150 uS
300 uS
Overshoot
-
400 mV
650 mV
50% ~ 25%
Max Load
Settling Time
Vo=12 V
-
150 uS
300 uS
Test conditions: di/dt
= 0.1 A/uS, Vin=48 V,
with a 1 uF ceramic
capacioor and a Min
Capacitance of
Tantalum capacitor at
the output
Note:
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.


Similar Part No. - XRSB-40U033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40U033 BEL-XRSB-40U033 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
xRSB-40U033 BEL-xRSB-40U033 Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40U033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com