Electronic Components Datasheet Search |
|
XRSB-40U033 Datasheet(PDF) 4 Page - Bel Fuse Inc. |
|
XRSB-40U033 Datasheet(HTML) 4 Page - Bel Fuse Inc. |
4 / 13 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ISOLATED DC/DC CONVERTERS 24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick General Specifications Parameter Min Typ Max Notes Efficiency Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 78% 79% 81% 83% 85% 85% 83% 82% 84% 85% 86% 87.5% 87% 85% - - - - - - Vin=48 V, full load Switching Frequency Vo=1.2 V -12 V Vo=1.8 V 450 kHz 500 kHz 500 kHz 550 kHz 550 kHz 600 kHz Isolation Capacitance - 3900 pF - Over Temperature Protection - 125 °C - Output Voltage Trim Range 90% Vo - 110% Vo Over Voltage Protection - 130% Vo 160% Vo Test conditions: Vin=48 V, full load and short the feedback optocoupler. MTBF TBD Calculated Per Bell Core SR-332 (IO = Nominal; Ta = 25 °C) 1.3 x 0.9 x 0.446 33.0 x 22.9 x 11.34 SRSB-40Uxxx Dimensions Inches (L × W × H) Millimeters (L × W × H) 1.3 x 0.9 x 0.460 33.0 x 22.9 x 11.39 0RSB-40Uxxx Weight - 14 g - Note : All specifications are typical at 25 °C unless otherwise stated. Control Specifications Parameter Min Typ Max Notes Remote On/Off Signal Low (Unit On) -0.3 V - 0.8 V Signal High (Unit Off) Active Low 2.4 V - 18 V Signal Low (Unit Off) -0.3 V - 0.8 V Signal High (Unit On) Active High 2.4 V - 18 V When Remote On/Off pin is open, for active low option, unit is off; for active high option, unit is on Current Sink - 0 mA - 1 mA |
Similar Part No. - XRSB-40U033 |
|
Similar Description - XRSB-40U033 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |