Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40U120 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # XRSB-40U120
Description  ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40U120 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  XRSB-40U120 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-40U120 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-40U120 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40U120 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40U120 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40U120 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40U120 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40U120 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40U120 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
Isolated
Input Under Voltage Lockout
Fixed Frequency
Output Over Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Over Temperature Protection
Low Cost
Wide Input Voltage
Output Voltage Trim
Positive/Negative Remote Sense
Basic Insulation
Remote On/Off Logic (Option)
Through Hole and SMT(Option)
Input Over Voltage Protection
Description
The xRSB-40U series are isolated dc/dc converters that operate from a nominal 24 Vdc or 48 Vdc source. These
units will provide up to 40 W of output power from an 18 Vdc - 75 Vdc wide input range. These units are designed
to be highly efficient and low cost. Features include remote on/off, over current protection and under voltage
lockout. These converters are provided in an industry standard sixteenth brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
1.2 Vdc
18 Vdc - 75 Vdc
18 A
22 W
82%
xRSB-40UV2L
xRSB-40UV20
1.5 Vdc
18 Vdc - 75 Vdc
16 A
24 W
84%
xRSB-40UV5L
xRSB-40UV50
1.8 Vdc
18 Vdc - 75 Vdc
14 A
25 W
85%
xRSB-40UV8L
xRSB-40UV80
2.5 Vdc
18 Vdc - 75 Vdc
12 A
30 W
86%
xRSB-40U02L
xRSB-40U025
3.3 Vdc
18 Vdc - 75 Vdc
10 A
33 W
87.5%
xRSB-40U03L
xRSB-40U033
5.0 Vdc
18 Vdc - 75 Vdc
8 A
40 W
87%
xRSB-40U05L
xRSB-40U050
12 Vdc
18 Vdc - 75 Vdc
3.5 A
42 W
85%
xRSB-40U12L
xRSB-40U120
Notes:
1. Add “G” suffix at the end of the model number to indicate Tray Packaging. Replace”x” with “S” to
indicate SMT package, or “0” to indicate through hole package.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
80 V
Remote On/Off
-0.3 V
-
18 V
I/O Isolation Voltage
-
-
1500 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
18 V
48 V
75 V
Input Current (full load)
Vo=1.2 V - 1.8 V
Vo=2.5 V - 3.3 V
Vo=5.0 V - 12 V
-
-
-
-
-
-
2.5 A
3.0 A
3.5 A
xRSB-40U Series
RoHS Compliant
Rev.A


Similar Part No. - XRSB-40U120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40U120 BEL-XRSB-40U120 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
xRSB-40U120 BEL-xRSB-40U120 Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40U120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com