Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6511-IGT Datasheet(PDF) 11 Page - Teridian Semiconductor Corporation

Part # 71M6511-IGT
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511-IGT Datasheet(HTML) 11 Page - Teridian Semiconductor Corporation

Back Button 71M6511-IGT Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6511-IGT Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6511-IGT Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6511-IGT Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6511-IGT Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6511-IGT Datasheet HTML 12Page - Teridian Semiconductor Corporation 71M6511-IGT Datasheet HTML 13Page - Teridian Semiconductor Corporation 71M6511-IGT Datasheet HTML 14Page - Teridian Semiconductor Corporation 71M6511-IGT Datasheet HTML 15Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 11 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
IA
VA
IB
MUX
VREF VBIAS
VBIAS
TEMP
CK32
VREF
VREF_DIS
MUX
CTRL
MUX_DIV
CHOP_EN
EQU
MUX
MUX_ALT
V3P3A
FIR_LEN
FIR
FILTER
∆Σ ADC
CONVERTER
+
-
VREF
Figure 3: AFE Block Diagram
Computation Engine (CE)
The CE, a dedicated 32-bit RISC processor, performs the precision computations necessary to accurately measure energy.
The CE calculations and processes include:
Multiplication of each current sample with its associated voltage sample to obtain the energy per sample (when
multiplied with the constant sample time).
Frequency-insensitive delay cancellation on all six channels (to compensate for the delay between samples caused
by the multiplexing scheme).
90
° phase shifter (for VAR calculations).
Pulse generation.
Monitoring of the input signal frequency (for frequency and phase information).
Monitoring of the input signal amplitude (for sag detection).
Scaling of the processed samples based on chip temperature (temperature compensation) and calibration
coefficients.
The CE program RAM (CE PRAM) is loaded at boot time by the MPU and then executed by the CE. Each CE instruction word
is 2 bytes long. The CE program counter begins a pass through the CE code each time multiplexer state 0 begins. The code
pass ends when a HALT instruction is executed. For proper operation, the code pass must be completed before the
multiplexer cycle ends (see System Timing Summary in the Functional Description Section).
The CE data RAM (CE DRAM) can be accessed by the FIR filter block, the RTM circuit, the CE, and the MPU. Assigned time
slots are reserved for FIR, RTM, and MPU, respectively, such that memory accesses to CE_RAM do not collide. Holding re-
gisters are used to convert 8-bit wide MPU data to/from 32-bit wide CE DRAM data, and wait states are inserted as needed,
depending on the frequency of CKMPU.
Table 3 shows the CE DRAM addresses allocated to analog inputs from the AFE.


Similar Part No. - 71M6511-IGT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511-IGT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com