Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6511-IGTR Datasheet(PDF) 9 Page - Teridian Semiconductor Corporation

Part # 71M6511-IGTR
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511-IGTR Datasheet(HTML) 9 Page - Teridian Semiconductor Corporation

Back Button 71M6511-IGTR Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 12Page - Teridian Semiconductor Corporation 71M6511-IGTR Datasheet HTML 13Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 9 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
The Multiplexer Control Circuit handles the setting of the multiplexer. The function of the Multiplexer Control Circuit is governed
by the I/O RAM registers MUX_ALT (0x2005[2]), EQU (0x2000[7:5]), and MUX_DIV (0x2002[7:6]). MUX_DIV controls the
number of samples per cycle. It can request 2, 3, 4, or 6 multiplexer states per cycle.
The MUX_ALT bit requests an alternate multiplexer cycle. The bit may be asserted on any MPU cycle and may be sub-
sequently de-asserted on any cycle including the next one. A rising edge on MUX_ALT will cause the Control Circuit to wait
until the next multiplexer cycle and implement a single alternate cycle.
Multiplexer Control Circuit also controls the FIR filter initiation and the chopping of the ADC reference voltage, VREF. The
Multiplexer Control Circuit is clocked by CK32, the 32768Hz clock from the PLL block, and launches each pass through the CE
program.
Table 2 shows the possible settings for MUX_DIV and FIR_LEN and the resulting channels sampled along with sample
frequencies.
Number of
CK32 states
for code pass
Effective
sample
frequency
[Hz]
Number of
CK32 states
for code
pass
Effective
sample
frequency
[Hz]
MUX_DIV
(0x2002[7.6])
Number of
channels
selected
(mux states
per cycle)
FIR_LEN = 0
FIR_LEN =1
00
---
Not Allowed
01
4
9
3640.89
13
2520.615
10
3
7
4681.143
10
3276.8
11
2
5
6553.6
7
4681.143
Table 2: Channel control based on MUX_DIV and FIR_LEN
ADC
A single 21/22-bit delta-sigma A/D converter (ADC) digitizes the power inputs to the AFE. The resolution of the ADC is
programmable using the I/O RAM register FIR_LEN register (0x2005[4]). ADC resolution may be selected to be 21 bits
(FIR_LEN=0), or 22 bits (FIR_LEN=1). Conversion time is two cycles of CK32 with FIR_LEN = 0 and three cycles with
FIR_LEN = 1.
In order to provide the maximum resolution, the ADC should be operated with FIR_LEN = 1. Accuracy, timing and
functional specifications in this data sheet are based on FIR_LEN = 1 and MUX_DIV = 1 (four CK32 cycles). Alternative
specifications are also provided for FIR_LEN = 1 and MUX_DIV = 2 (three CK32 cycles) in the CE Program and
Environment section.
Initiation of each ADC conversion is controlled by the Multiplexer Control Circuit as described previously.
FIR Filter
The finite impulse response (FIR) filter is an integral part of the ADC and it is optimized for use with the multiplexer. The
purpose of the FIR is to decimate the ADC output to the desired resolution. At the end of each ADC conversion, the output
data of the FIR filter (raw data) is stored into the CE DRAM location determined by the multiplexer selection. The location of
the raw data in the CE DRAM is specified in the CE Program and Environment Section.
Voltage Reference
The 71M6511/6511H includes an on-chip precision bandgap voltage reference that incorporates auto-zero techniques. The
reference of the 71M6511H is trimmed in production to minimize errors caused by component mismatch and drift. The result is
a voltage output with a predictable temperature coefficient.


Similar Part No. - 71M6511-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511-IGTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com