Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6511H-IGT Datasheet(PDF) 5 Page - Teridian Semiconductor Corporation

Part # 71M6511H-IGT
Description  Single-Phase Energy Meter IC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511H-IGT Datasheet(HTML) 5 Page - Teridian Semiconductor Corporation

  71M6511H-IGT Datasheet HTML 1Page - Teridian Semiconductor Corporation 71M6511H-IGT Datasheet HTML 2Page - Teridian Semiconductor Corporation 71M6511H-IGT Datasheet HTML 3Page - Teridian Semiconductor Corporation 71M6511H-IGT Datasheet HTML 4Page - Teridian Semiconductor Corporation 71M6511H-IGT Datasheet HTML 5Page - Teridian Semiconductor Corporation 71M6511H-IGT Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6511H-IGT Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6511H-IGT Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6511H-IGT Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
71M6511/71M6511H
Single-Phase Energy Meter IC
DATA SHEET
AUGUST 2007
Page: 5 of 95
© 2005-2007 TERIDIAN Semiconductor Corporation
V2.6
Figure 27: Meter Accuracy over Harmonics at 240V, 30A .............................................................................75
Figure 28: Typical Meter Accuracy over Temperature Relative to 25°C (w/ Temperature
Compensation) .....................................................................................................................75
Figure 29: Resistive Voltage Divider (left), Current Transformer (right) .........................................................76
Figure 30: Resistive Shunt (left), Rogowski Coil (right) ..................................................................................76
Figure 31: Crystal Frequency over Temperature ...........................................................................................77
Figure 32: Crystal Compensation...................................................................................................................78
Figure 33: Connecting LCDs..........................................................................................................................79
Figure 34: LCD Boost Circuit .........................................................................................................................79
Figure 35: EEPROM Connection ...................................................................................................................80
Figure 36: Interfacing RX to a 0-5V Signal.....................................................................................................80
Figure 37: Connection for Optical Components .............................................................................................81
Figure 38: Voltage Divider for V1 ...................................................................................................................81
Figure 39: External Components for RESETZ ...............................................................................................82
Tables
Table 1: Inputs Selected in Regular and Alternate Multiplexer Cycles .............................................................8
Table 2: Channel control based on MUX_DIV and FIR_LEN...........................................................................9
Table 3: CE DRAM Locations for ADC Results .............................................................................................12
Table 4: Standard Meter Equations (inputs shown gray are scanned but not used for calculation) ...............12
Table 5: Stretch Memory Cycle Width............................................................................................................16
Table 6: Internal Data Memory Map...............................................................................................................17
Table 7: Special Function Registers Locations ..............................................................................................17
Table 8: Special Function Registers Reset Values ........................................................................................18
Table 9: PSW Register Flags.........................................................................................................................19
Table 10: PSW bit functions...........................................................................................................................19
Table 11: Port Registers ................................................................................................................................20
Table 12: Special Function Registers ............................................................................................................21
Table 13: Baud Rate Generation ...................................................................................................................22
Table 14: UART Modes .................................................................................................................................22
Table 15: The S0CON Register .....................................................................................................................22
Table 16: The S1CON register ......................................................................................................................23
Table 17: The S0CON Bit Functions..............................................................................................................23
Table 18: The S1CON Bit Functions..............................................................................................................24
Table 19: The TMOD Register.......................................................................................................................24
Table 20: TMOD Register Bit Description ......................................................................................................25
Table 21: Timers/Counters Mode Description................................................................................................25
Table 22: The TCON Register .......................................................................................................................25
Table 23: The TCON Register Bit Functions..................................................................................................26
Table 24: Timer Modes ..................................................................................................................................26
Table 25: The PCON Register .......................................................................................................................26
Table 26: The IEN0 Register (see also Table 34)..........................................................................................27
Table 27: The IEN0 Bit Functions (see also Table 34)...................................................................................27
Table 28: The IEN1 Register (see also Tables 35/36) ...................................................................................27
Table 29: The IEN1 Bit Functions (see also Tables 35/36)............................................................................27
Table 30: The IP0 Register (see also Table 46) ............................................................................................28
Table 31: The IP0 bit Functions (see also Table 46)......................................................................................28
Table 32: The WDTREL Register ..................................................................................................................28


Similar Part No. - 71M6511H-IGT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511H TERIDIAN-71M6511H Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results

Similar Description - 71M6511H-IGT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
   Single Phase, LCD, Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com