Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K324BL Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 73K324BL
Description  Single-Chip Modem w/ Integrated Hybrid
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73K324BL Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 73K324BL Datasheet HTML 4Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 5Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 6Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 7Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 8Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 9Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 10Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 11Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
73K324BL
CCITT V.22bis,V.23,V.22,V.21, Bell 212A
Single-Chip Modem w/ Integrated Hybrid
DATA SHEET
Page: 8 of 34
© 2005, 2008 TERIDIAN Semiconductor Corporation
Rev 6.1
PIN DESCRIPTION (continued)
ANALOG INTERFACE AND OSCILLATOR
NAME
PIN
TYPE
DESCRIPTION
RXA
32
I
Received modulated analog signal input from the telephone
line interface.
TXA1 / TXA 2
18 / 17
O
(differential) Transmit Analog. These pins provide the analog
output signals to be transmitted to the telephone line. The
drivers will differentially drive the impedance of the line
transformer and the line matching resistor. An external hybrid
can also be built using TXA1 as a single ended transmit
signal.
XTL1 / XTL2
3 / 4
I
These pins are for the internal crystal oscillator requiring a
11.0592 MHz parallel mode crystal. Load capacitors should
be connected from XTL1 and XTL2 to ground. XTL2 can also
be driven from an external clock.
OH
27
O
OFF-HOOK RELAY DRIVER: This signal is an open drain
output capable of sinking 40 mA and is used for controlling a
relay. The output is the complement of the OH register bit in
the ID Register.
.


Similar Part No. - 73K324BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73K324BL ETC-73K324BL Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
logo
TDK Electronics
73K324BL TDK-73K324BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324BL-IGT ETC-73K324BL-IGT Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
73K324BL-IH ETC-73K324BL-IH Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
More results

Similar Description - 73K324BL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K224BL TERIDIAN-73K224BL Datasheet
207Kb / 33P
   Single-Chip Modem w/ Integrated Hybrid
logo
List of Unclassifed Man...
73K224BL ETC-73K224BL Datasheet
237Kb / 33P
   Single-Chip Modem w/ Integrated Hybrid
73K324BL ETC-73K324BL Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
logo
Infineon Technologies A...
VDSL5100I INFINEON-VDSL5100I Datasheet
607Kb / 2P
   Integrated Single-port VDSL Modem-on-Chip
2003-07-01
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com