Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M1903C Datasheet(PDF) 4 Page - Teridian Semiconductor Corporation

Part # 73M1903C
Description  Modem Analog Front End
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73M1903C Datasheet(HTML) 4 Page - Teridian Semiconductor Corporation

  73M1903C Datasheet HTML 1Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 2Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 3Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 4Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 5Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 6Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 7Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 8Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
73M1903C
Modem Analog Front End
DATA SHEET
Page: 4 of 46
© 2005-2008 TERIDIAN Semiconductor Corporation
Rev 4.3
PIN DESCRIPTION
The TERIDIAN 73M1903C modem Analog Front End (AFE) IC is available in a 32 pin QFN package. The
following table describes the function of each pin. There are three pairs of power supply pins, VPA
(analog), VPD (digital) and VPPLL (PLL). They should be separately decoupled from the supply source
in order to isolate digital noise from the analog circuits internal to the chip. VPPLL can be directly
connected to VPD. Failure to adequately isolate and decouple these supplies will compromise device
performance.
PIN NAME
TYPE
PIN #
DESCRIPTION
VND
GND
1, 22
Negative Digital Ground
VNA
GND
16
Negative Analog Ground
VPD
PWR
2, 25
Positive Digital Supply
VPA
PWR
9
Positive Analog Supply
VPPLL
PWR
20
Positive PLL Supply, shared with VPD
VNPLL
PWR
17
Negative PLL Ground
RST
I
26
Master reset. When this pin is a logic 0 all registers are reset to their
default states; Weak-pulled high-default. A low pulse longer than 100ns
is needed to reset the device. The device will be ready within 100us after
this pin goes to logic 1 state.
OSCIN
I
19
Crystal oscillator input. When providing an external clock source, drive
OSCIN.
OSCOUT
O
18
Crystal oscillator circuit output pin.
GPIO(0-7)
I/O
3, 4, 5, 6, 23 24,
30, 31
Software definable digital input/output pins.
RXAN
I
14
Receive analog negative input.
RXAP
I
15
Receive analog positive input.
TXAN1
O
10
Transmit analog negative output 1
TXAN2
O
11
Transmit analog negative output 2
TXAP1
O
12
Transmit analog positive output 1
TXAP2
O
13
Transmit analog positive output 2
SCLK
I/O
8
Serial interface clock. With master mode and SCLK continuous selected,
Freq = 256*Fs ( =2.4576MHz for Fs=9.6kHz). For slave mode, this pin
must be pulled down by a resistor (<4.7kΩ).
SDOUT
O
32
Serial data output (or input to the host).
SDIN
I
29
Serial data input (or output from the host)
FS
O
7
Frame synchronization. (Active Low)
TYPE
I
27
Type of frame sync. 0 = late (mode0); 1 = early (mode1). Weak-pulled
high – default
SckMode
I
28
Controls the SCLK behavior after FS. Open, weak-pulled high = SCLK
Continuous; tied low = 32 clocks per R/W cycle.
FSD
O
21
Delayed frame sync to support daisy chain mode with additional
73M1903C devices
Table 1: 32 QFN Pin Description


Similar Part No. - 73M1903C

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
More results

Similar Description - 73M1903C

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com