Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S1209F Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 73S1209F
Description  Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1209F Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 73S1209F Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S1209F Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S1209F Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S1209F Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S1209F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S1209F Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S1209F Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S1209F Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S1209F Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 123 page
background image
73S1209F Data Sheet
DS_1209F_004
1 Hardware Description
1.1 Pin Description
Table 1: 73S1209F Pinout Description
Pin Name
Description
X12IN
10
8
I
Figure 26
MPU clock crystal oscillator input pin. A 1MΩ resistor is
required between pins X12IN and X12OUT.
X12OUT
11
9
O
Figure 26
MPU clock crystal oscillator output pin.
ROW (5:0)
0
1
2
3
4
5
21
22
24
34
37
38
I
Figure 32
Keypad row input sense.
COL(4:0)
0
1
2
3
4
12
13
14
16
19
O
Figure 33
Keypad column output scan pins.
USR(8:0)
0
1
2
3
4
5
6
7
8
36
35
33
31
30
29
23
20
32
24
23
22
21
20
19
14
13
IO
Figure 29
General-purpose user pins, individually configurable as
inputs or outputs or as external input interrupt ports.
SCL
5
5
O
Figure 28
I
2C (master mode) compatible Clock signal. Note: the
pin is configured as an open drain output. When the
I2C interface is being used, an external pull up resistor
is required. A value of 3K is recommended.
SDA
6
6
IO
Figure 27
I
2C (master mode) compatible data I/O. Note: this pin is
bi-directional. When the pin is configured as output, it is
an open drain output. When the I2C interface is being
used, an external pull up resistor is required. A value of
3K is recommended.
LED(1:0)
0
1
1
3
3
4
IO
Figure 34
Special output drivers, programmable pull-down current
to drive LEDs. May also be used as inputs.
RXD
17
11
I
Figure 31
Serial UART Receive data pin.
TXD
18
12
O
Figure 28
Serial UART Transmit data pin.
INT3
51
I
Figure 31
General purpose interrupt input.
8
Rev. 1.2


Similar Part No. - 73S1209F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S1209F MAXIM-73S1209F Datasheet
1Mb / 123P
   Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
December 2008
More results

Similar Description - 73S1209F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S1209F MAXIM-73S1209F Datasheet
1Mb / 123P
   Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
December 2008
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
logo
Teridian Semiconductor ...
73S1210F TERIDIAN-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
logo
Future Technology Devic...
FT260Q-R FTDI-FT260Q-R Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com