Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S8014R Datasheet(PDF) 11 Page - Teridian Semiconductor Corporation

Part # 73S8014R
Description  Smart Card Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8014R Datasheet(HTML) 11 Page - Teridian Semiconductor Corporation

Back Button 73S8014R Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8014R Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8014R Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S8014R Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S8014R Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S8014R Datasheet HTML 12Page - Teridian Semiconductor Corporation 73S8014R Datasheet HTML 13Page - Teridian Semiconductor Corporation 73S8014R Datasheet HTML 14Page - Teridian Semiconductor Corporation 73S8014R Datasheet HTML 15Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DS_8014R_012
73S8014R Data Sheet
Rev. 1.0
11
Symbol
Parameter
Condition
Min
Nom
Max
Unit
Reset and Clock for card interface, RST, CLK
VOH
Output level, high
IOH =-200μA
0.9 VCC
VCC
V
VOL
Output level, low
IOL=200μA
0
0.15 VCC
V
VINACT
Output voltage when outside
of session
IOL = 0
0.1
V
IOL = 1mA
0.3
V
IRST_LIM
Output current limit, RST
30
mA
ICLK_LIM
Output current limit, CLK
70
mA
CLKSR3V
CLK slew rate
Vcc = 3V
0.3
V/ns
CLKSR5V
CLK slew rate
Vcc = 5V
0.5
V/ns
tR, tF
Output rise time, fall time
CL = 35pF for CLK,
10% to 90%
8
ns
CL = 200pF for RST,
10% to 90%
100
ns
δ
Duty cycle for CLK
CL =35pF,
FCLK 20MHz
45
55
%
2.5
Characteristics: Digital Signals
Table 6 lists the 73S8014R digital signals characteristics.
Table 6: Digital Signals Characteristics
Symbol
Parameter
Condition
Min
Nom
Max
Unit
Digital I/O except for XTALIN and XTALOUT
VIL
Input Low Voltage
-0.3
0.8
V
VIH
Input High Voltage
1.8
VDD + 0.3
V
VOL
Output Low Voltage
IOL = 2mA
0.45
V
VOH
Output High Voltage
IOH = -1mA
VDD - 0.45
V
ROUT
Pull-up resistor,
OFF
16
20
24
k
Ω
|IIL1|
Input Leakage Current
GND < VIN < VDD
-5
5
μA


Similar Part No. - 73S8014R

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
73S8014RN-IL/F TERIDIAN-73S8014RN-IL/F Datasheet
395Kb / 28P
   Smart Card Interface
73S8014RN-ILR/F TERIDIAN-73S8014RN-ILR/F Datasheet
395Kb / 28P
   Smart Card Interface
73S8014RT TERIDIAN-73S8014RT Datasheet
454Kb / 29P
   Smart Card Interface
73S8014RT-IL/F TERIDIAN-73S8014RT-IL/F Datasheet
454Kb / 29P
   Smart Card Interface
More results

Similar Description - 73S8014R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com