Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S8024RN Datasheet(PDF) 9 Page - Teridian Semiconductor Corporation

Part # 73S8024RN
Description  Low Cost Smart Card Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8024RN Datasheet(HTML) 9 Page - Teridian Semiconductor Corporation

Back Button 73S8024RN Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 12Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 13Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DS_8024RN_020
73S8024RN Data Sheet
Rev. 1.8
9
4 Card Power Supply
The card power supply is internally provided by the LDO regulator, and controlled by the digital
ISO-7816-3 sequencer. Card voltage selection is carried out by the digital input 5V/
#V.
Choice of the VCC Capacitor:
Depending on the applications, the requirements in terms of both VCC minimum voltage and transient
currents that the interface must be able to provide to the card are different. An external capacitor must be
connected between the VCC pin and to the card ground in order to guarantee stability of the LDO
regulator, and to handle the transient requirements. The type and value of this capacitor can be
optimized to meet the desired specification. Table 1 shows the recommended capacitors for each VPC
power supply configuration and applicable specification.
Table 1: Choice of VCC Pin Capacitor
Specification Requirements
System Requirements
Specification
Min VCC Voltage
Allowed During
Transient Current
Max
Transient
Current
Charge
Min VPC
Power
Supply
Required
Capacitor
Type
Capacitor Value
EMV 4.0
4.6V
30nA.s
4.75V
X5R/X7R
w/
ESR <
100m
Ω
3.3
μF
ISO-7816-3
4.5V
20nA.s
4.75V
1
μF
NDS
4.6V
40nA.s
4.85V
1
μF
Note: Capacitor value for NDS implementation is also defined by the deactivation time requirement.
5 Over-Temperature Monitor
A built-in detector monitors die temperature. Upon an over-temperature condition, a card deactivation
sequence is initiated, and an error or fault condition is reported to the system controller.
6 On-Chip Oscillator and Card Clock
The 73S8024RN device has an on-chip oscillator that can generate the smart card clock using an
external crystal (connected between the pins XTALIN and XTALOUT) to set the oscillator frequency.
When the clock signal is available from another source, it can be connected to the pin XTALIN, and the
pin XTALOUT should be left unconnected.
The card clock frequency may be chosen between four different division rates, defined by digital inputs
CLKDIV 1 and CLKDIV 2, as per Table 2.
Table 2: Card Clock Frequency
CLKDIV1
CLKDIV2
CLK
0
0
⅛ XTALIN
0
1
¼ XTALIN
1
0
XTALIN
1
1
½ XTALIN
Card power down mode (card clock STOP) is supported and is controllable through the dedicated digital
inputs CLKSTOP and CLKLEV (not supported in the 20QFN package).


Similar Part No. - 73S8024RN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
73S8024RN-20IM/F MAXIM-73S8024RN-20IM/F Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
73S8024RN-20IMR/F MAXIM-73S8024RN-20IMR/F Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
73S8024RN-IL/F MAXIM-73S8024RN-IL/F Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
73S8024RN-ILR/F MAXIM-73S8024RN-ILR/F Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
More results

Similar Description - 73S8024RN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
   Low Cost Smart Card Interface
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
   Low Cost Versatile Smart Card Interface
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
NXP Semiconductors
LPC11U00 PHILIPS-LPC11U00 Datasheet
551Kb / 2P
   Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com