Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78P2343-IEL Datasheet(PDF) 5 Page - Teridian Semiconductor Corporation

Part # 78P2343-IEL
Description  3-port E3/DS3/STS-1 LIU with Jitter Attenuator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2343-IEL Datasheet(HTML) 5 Page - Teridian Semiconductor Corporation

  78P2343-IEL Datasheet HTML 1Page - Teridian Semiconductor Corporation 78P2343-IEL Datasheet HTML 2Page - Teridian Semiconductor Corporation 78P2343-IEL Datasheet HTML 3Page - Teridian Semiconductor Corporation 78P2343-IEL Datasheet HTML 4Page - Teridian Semiconductor Corporation 78P2343-IEL Datasheet HTML 5Page - Teridian Semiconductor Corporation 78P2343-IEL Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2343-IEL Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2343-IEL Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2343-IEL Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
78P2343JAT
3-port E3/DS3/STS-1 LIU
with Jitter Attenuator
Page 5 of 37
2005 Teridian Semiconductor Corporation
Rev 2.2
LINE BUILD-OUT
The Line Build-Out (LBO) function controls the
transmit amplitude and pulse shape in DS3 and
STS-1 modes.
The selection of LBO depends on
the amount of cable the transmitter is connected to.
When less than 225 ft of cable is used, the
corresponding LBOx pin or LBO bit should be high.
When 225ft or more cable is used the corresponding
LBO setting (LBOx pin or LBO bit) should be low.
LBO can be controlled either from pins or from
register settings, depending on the status of the
Register Control bit, REGEN.
TRANSMIT ENABLE
The TXEN bit in the Mode Control Register controls
the transmitter output.
When logic zero, the
transmitter output is disabled. This feature is used to
disable ports as well as to multiplex two or more
transceivers to one port. The transmitter of any port
can also be disabled by floating the respective LBOx
pin, in which case it will also power-down the entire
transmitter.
See section on the Power-Down
Function for more info.
TRANSMIT MONITOR
The transmit monitor function detects activity on the
transmitter output at the LOUTPx and LOUTNx pins.
When there is a transmitter fault, in the case of an
open or short on the chip, the transformer, or the
circuit board, the transmit signal amplitude will be
altered. The transmit monitor detects the amplitude
of the driven signal.
The TXNW signal (bit) goes
high when the amplitude of the transmit signal is
outside a valid amplitude range. When the signal
amplitude is either too high or too low for longer than
a specified duration, the TXNW bit goes high (See
Transmit Monitor Specifications, pg.28). The TXNW
signal can be also used to trigger an interrupt on the
INTRx pin when serial interface control is not
available.
JITTER ATTENUATOR
Jitter Attenuation function is provided on-chip. The
Jitter Attenuator can be configured to be in the
transmit or the receive path. When configured in the
transmit path, the input clock at TCLK pin is passed
through a very low bandwidth digital PLL.
The
corresponding transmit data is buffered into a FIFO
and clocked out using the de-jittered output clock of
the PLL. When configured in the receive path, the
recovered
clock
is
passed
through
the
low
bandwidth
digital
PLL,
and
the
corresponding
receive data is buffered into the FIFO and clocked
out using the de-jittered clock.
The
Jitter
Attenuator
can
be
configured
independently for each channel by writing to the
Jitter Attenuator Control Register (JACR) as follows:
JAEN
bit
JASL
bit
Jitter Attenuator Mode
0
X
Jitter Attenuator disabled
1
0
Jitter Attenuator configured
to be in the receive path
1
1
Jitter Attenuator configured
to be in the transmit path
When serial interface control is not available, the
MSL1 pin is provided for global Jitter Attenuator
mode selection. Upon power-up or reset, the state
of the MSL1 pin is sensed and mapped into the
JAEN and JASL register bits for all channels,
representing the appropriate mode of operation.
After power-up or reset, the state of the MSL1 pin is
ignored.
The state of the MSL1 pin, and the
corresponding
Jitter
Attenuator
configuration
is
shown below.
MSL1 pin
Jitter Attenuator Mode
L
Jitter Attenuator in receive path
H
Jitter Attenuator in transmit path
Z
Jitter Attenuator disabled
PLL Bandwidth
A PLL response with effectively one pole below 27
Hz is adequate to meet the ETSI TBR24 E3
standards. A PLL response with one pole below 40
Hz is adequate to meet the GR-499 (Cat I) DS3
standards. One of two bandwidths can be selected
via register settings.
The PLL bandwidth is
proportional to the data rate as follows:
Line Rate
JABW bit
PLL Bandwidth (Hz)
0
*13
E3
1
188
0
*17
DS3
1
245
0
20
STS1
1
*283
*The default state of the JABW bit depends on
which line-rate is selected through the MSL0 pin. If
E3 or DS3 mode is selected, the default state is ‘0’.
If STS1 mode is selected, the default state is ‘1’.


Similar Part No. - 78P2343-IEL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2342-IGT TERIDIAN-78P2342-IGT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342-IGT/A07 TERIDIAN-78P2342-IGT/A07 Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT-IGT TERIDIAN-78P2342JAT-IGT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT-IGT/A07 TERIDIAN-78P2342JAT-IGT/A07 Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
More results

Similar Description - 78P2343-IEL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com