Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78P2351-IGT Datasheet(PDF) 2 Page - Teridian Semiconductor Corporation

Part # 78P2351-IGT
Description  Single Channel OC-3/ STM1-E/ E4 LIU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2351-IGT Datasheet(HTML) 2 Page - Teridian Semiconductor Corporation

  78P2351-IGT Datasheet HTML 1Page - Teridian Semiconductor Corporation 78P2351-IGT Datasheet HTML 2Page - Teridian Semiconductor Corporation 78P2351-IGT Datasheet HTML 3Page - Teridian Semiconductor Corporation 78P2351-IGT Datasheet HTML 4Page - Teridian Semiconductor Corporation 78P2351-IGT Datasheet HTML 5Page - Teridian Semiconductor Corporation 78P2351-IGT Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2351-IGT Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2351-IGT Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2351-IGT Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
78P2351
Single Channel
OC-3/ STM1-E/ E4 LIU
Page: 2 of 42
2006 Teridian Semiconductor Corporation
Rev. 2.4
TABLE OF CONTENTS .................................................................................................2
FUNCTIONAL DESCRIPTION........................................................................................4
MODE SELECTION................................................................................................................................4
REFERENCE CLOCK ............................................................................................................................4
RECEIVER OPERATION .......................................................................................................................4
Receiver Monitor Mode ..................................................................................................................4
Receive Loss of Signal ..................................................................................................................5
Receive Loss of Lock.....................................................................................................................5
TRANSMITTER OPERATION................................................................................................................5
Synchronous (Re-timing) Tx Serial Modes ..................................................................................5
Plesiochronous Tx Serial Modes ..................................................................................................6
Synchronous Parallel Modes ........................................................................................................6
Transmit FIFO Description ............................................................................................................6
Transmit Driver ...............................................................................................................................7
Transmit Monitor Mode..................................................................................................................7
Clock Synthesizer...........................................................................................................................7
Transmit Backplane Equalizer ......................................................................................................7
Transmit Loss of Lock ...................................................................................................................7
POWER-DOWN FUNCTION .................................................................................................................7
LOOPBACK MODES .............................................................................................................................8
POWER-ON RESET ..............................................................................................................................8
SERIAL CONTROL INTERFACE .........................................................................................................9
PROGRAMMABLE INTERRUPTS ........................................................................................................9
REGISTER DESCRIPTION........................................................................................... 10
REGISTER ADDRESSING...................................................................................................................10
REGISTER TABLE...............................................................................................................................10
LEGEND ...............................................................................................................................................11
GLOBAL REGISTERS .........................................................................................................................11
ADDRESS 0-0: MASTER CONTROL REGISTER .......................................................................11
ADDRESS 0-1: INTERRUPT CONTROL REGISTER..................................................................12
ADDRESS 0-2: I/O CONTROL REGISTER .................................................................................12
PORT-SPECIFIC REGISTERS ............................................................................................................13
ADDRESS 1-0: MODE CONTROL REGISTER ...........................................................................13
ADDRESS 1-1: SIGNAL CONTROL REGISTER.........................................................................14
ADDRESS 1-2: ADVANCED TX CONTROL REGISTER 1 .........................................................15
ADDRESS 1-3: ADVANCED TX CONTROL REGISTER 0 .........................................................15
ADDRESS 1-4: MODE CONTROL REGISTER 2 ........................................................................15
ADDRESS 1-5: STATUS MONITOR REGISTER.........................................................................16


Similar Part No. - 78P2351-IGT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351R TERIDIAN-78P2351R Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
78P2351R-IM TERIDIAN-78P2351R-IM Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
78P2351R-IM/F TERIDIAN-78P2351R-IM/F Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
78P2351R-IMR TERIDIAN-78P2351R-IMR Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
More results

Similar Description - 78P2351-IGT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2352 TERIDIAN-78P2352 Datasheet
760Kb / 42P
   Dual Channel OC-3/ STM1-E/ E4 LIU
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
   E4/STM-1/OC-3 ATM TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Source Photonics, Inc.
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
   OC-3 SFP Transceiver
logo
OPLINK Communications I...
TRPE03KE2C000X0G OPLINK-TRPE03KE2C000X0G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRCE03KE2C000C3 OPLINK-TRCE03KE2C000C3 Datasheet
449Kb / 5P
   OC-3 1510nm Optical Supervisory Channel SFP Transceiver
TRPA03E2ZBBS3 OPLINK-TRPA03E2ZBBS3 Datasheet
466Kb / 5P
   OC-3 1510nm Optical Supervisory Channel SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com