Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78P2351-IGTR Datasheet(PDF) 8 Page - Teridian Semiconductor Corporation

Part # 78P2351-IGTR
Description  Single Channel OC-3/ STM1-E/ E4 LIU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2351-IGTR Datasheet(HTML) 8 Page - Teridian Semiconductor Corporation

Back Button 78P2351-IGTR Datasheet HTML 4Page - Teridian Semiconductor Corporation 78P2351-IGTR Datasheet HTML 5Page - Teridian Semiconductor Corporation 78P2351-IGTR Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2351-IGTR Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2351-IGTR Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2351-IGTR Datasheet HTML 9Page - Teridian Semiconductor Corporation 78P2351-IGTR Datasheet HTML 10Page - Teridian Semiconductor Corporation 78P2351-IGTR Datasheet HTML 11Page - Teridian Semiconductor Corporation 78P2351-IGTR Datasheet HTML 12Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
78P2351
Single Channel
OC-3/ STM1-E/ E4 LIU
Page: 8 of 42
2006 Teridian Semiconductor Corporation
Rev. 2.4
LOOPBACK MODES
In SW mode, LLBK and RLBK bits in the Signal
Control register are provided to activate the local
and remote analog loopback modes respectively.
In HW mode, the LPBK pin can be used to activate
local and remote analog loopback paths as shown in
the table below.
LPBK pin Loopback Mode
Low
Normal operation
Float
Remote (analog) Loopback:
Recovered receive clock and data
looped back directly to the transmit
driver. The CMI decoder and most of
transmit path is bypassed (including the
redundant Tx monitor output)
High
Local (analog) Loopback:
Transmit clock and data looped back to
receiver at the analog media interface.
RXP/N
SODP/N
SOCKP/N
PO[3:0]D
POCK
PTOCK
PI[3:0]D
PICK
SICKP/N
SIDP/N
ECLP/N
TXCKP/N
CMIP/N
CMI2P/N
Rx CDR
CMI
Decoder
FIFO
Tx CDR
Lock Detect
CMI
Encoder
Lock Detect
Adaptive
Eq.
LOS Detect
PMOD, SMOD[1:0], PAR
LLBK
RLBK,
RDSL
CMI
Figure 7: Local (Analog) Loopback
RXP/N
SODP/N
SOCKP/N
PO[3:0]D
POCK
PTOCK
PI[3:0]D
PICK
SICKP/N
SIDP/N
ECLP/N
TXCKP/N
CMIP/N
CMI2P/N
Rx CDR
CMI
Decoder
FIFO
Tx CDR
Lock Detect
CMI
Encoder
Lock Detect
Adaptive
Eq.
LOS Detect
PMOD, SMOD[1:0], PAR
LLBK
RLBK,
RDSL
CMI
Figure 8: Remote (Analog) Loopback
In SW mode only, a Full Remote (digital) Loopback
bit FLBK is also available in the Advanced Tx
Control register. This loopback exercises the entire
Rx and Tx paths of the 78P2351 including the Tx
clock recovery unit. As such, the user must enable
either Serial Plesiochronous or Serial Loop-timing
transmit modes to utilize the Full Remote (digital)
Loopback.
Rx CDR
CMI
Decoder
RXxP/N
SOxDP/N
SOxCKP/N
POx[3:0]D
POxCK
PTOxCK
PIx[3:0]D
PIxCK
SIxCKP/N
SIxDP/N
FIFO
Tx CDR
Lock Detect
EACH CHANNEL: Rx
CMI
Encoder
ECLxP/N
CMIxP/N
TXxCKP/N
Lock Detect
EACH CHANNEL: Tx
Adaptive
Eq.
LOS Detect
PMOD, SMOD[1:0], PAR
LLBK
RLBK
CMI
Figure 9: Remote (Digital) Loopback
INTERNAL POWER-ON RESET
Power-On Reset (POR) function is provided on chip.
Roughly 50
µs after Vcc reaches 2.4V at power up,
a reset pulse is internally generated. This resets all
registers to their default values as well as all state
machines within the transceiver to known initial
values. The reset signal is also brought out to the
PORB pin.
The PORB pin is a special function
analog pin that allows for the following:
Override the internal POR signal by driving in
an external active low reset signal;
Use the internally generated POR signal to
trigger other resets;
Add external capacitor to slow down the
release of power-on reset (approximately 8
µs
per nF added).
NOTE: Do not pull-up the PORB pin to Vcc or drive
this pin high during power-up. This will prevent the
internal reset generator from resetting the entire chip
and may result in errors.


Similar Part No. - 78P2351-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351R TERIDIAN-78P2351R Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
78P2351R-IM TERIDIAN-78P2351R-IM Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
78P2351R-IM/F TERIDIAN-78P2351R-IM/F Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
78P2351R-IMR TERIDIAN-78P2351R-IMR Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
More results

Similar Description - 78P2351-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2352 TERIDIAN-78P2352 Datasheet
760Kb / 42P
   Dual Channel OC-3/ STM1-E/ E4 LIU
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
   E4/STM-1/OC-3 ATM TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Source Photonics, Inc.
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
   OC-3 SFP Transceiver
logo
OPLINK Communications I...
TRPE03KE2C000X0G OPLINK-TRPE03KE2C000X0G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRCE03KE2C000C3 OPLINK-TRCE03KE2C000C3 Datasheet
449Kb / 5P
   OC-3 1510nm Optical Supervisory Channel SFP Transceiver
TRPA03E2ZBBS3 OPLINK-TRPA03E2ZBBS3 Datasheet
466Kb / 5P
   OC-3 1510nm Optical Supervisory Channel SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com