Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5002R Datasheet(PDF) 6 Page - Teridian Semiconductor Corporation

Part # 5002R
Description  Dual SCART A/V Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

5002R Datasheet(HTML) 6 Page - Teridian Semiconductor Corporation

Back Button 5002R Datasheet HTML 2Page - Teridian Semiconductor Corporation 5002R Datasheet HTML 3Page - Teridian Semiconductor Corporation 5002R Datasheet HTML 4Page - Teridian Semiconductor Corporation 5002R Datasheet HTML 5Page - Teridian Semiconductor Corporation 5002R Datasheet HTML 6Page - Teridian Semiconductor Corporation 5002R Datasheet HTML 7Page - Teridian Semiconductor Corporation 5002R Datasheet HTML 8Page - Teridian Semiconductor Corporation 5002R Datasheet HTML 9Page - Teridian Semiconductor Corporation 5002R Datasheet HTML 10Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
AVPro® 5002R
Dual SCART A/V Switch
DATA SHEET
Page: 6 of 30
© 2008 TERIDIAN Semiconductor Corporation
Rev 2.1
SCART Audio Switching
The audio inputs are considered to be associated with
the respective video inputs. As a result, the video
selection determines which audio signals will be
switched to a given SCART output. Refer to the serial
port register table for more information. Also see the
audio switching block diagram shown in Figure 2.
The 5002R provides inputs for the auxiliary audio
source (Aux_Lin/Aux_Rin), a stereo DAC associated
with the video encoder inputs (Lin/Rin), and inputs from
the TV SCART (TV_Lin/TV_Rin).
TV Audio Operation
The audio source for the TV port is selected in concert
with the video source using the three (3) LSBs of
Register 1. The selected audio signals are input to
internal multiplexers that allow the user to select
between mono and stereo output options. Bits 4 and 5
of Register 3 control the stereo/mono selection
according to the following table:
Bit 1
Bit 0
TV left source
TV right source
0
0
left input
right input
0
1
left + right
left + right
1
0
left input
left input
1
1
right input
right input
At power-up, these bits default to 00 putting the device
in the stereo mode.
Volume Control: The left and right TV audio channels
can be selected to pass through volume control circuits.
Each volume control circuit is formed by a serially
connected amplifier and attenuator pair. The amplifier
is programmed by register 4, bit 2( “0” for 0 dB and “1”
for 6 dB gains ). The attenuator is programmed by the
lower 6 bits of register 0( “xx000000” for 0 dB and
“xx111111” for –63 dB attenuation, in –1 dB steps ).
DAC Input Gain (Lin/Rin): To support audio DACs
that have a limited output range, the 5002R provides
programmable gain amplifiers on the Lin and Rin
inputs. The gain is set by Bits 2 and 3 of Register 3,
according to the following table:
Bit 3
Bit 2
Gain
0
0
1
1
0
1
0
1
Gain = 0 dB
Gain = 6 dB
Gain = 9 dB
Gain = 11.5 dB
TV SCART Audio Outputs: The first pair of signals is
labeled TV_Lout and TV_Rout on the block diagram.
TV_Lout
and TV_Rout are typically used to drive the
TV SCART audio pins. These outputs also have an
internal multiplexer that allows the user to select TV
audio either before or after the internal volume control
function. When Bit 0 in Register 4 is set low (0), the
volume control is used. When this bit is set high (1),
the volume control is bypassed. The power-up default
state is volume control active.
TV Audio Line Outputs: The second pair of signals is
labeled Lout and Rout on the block diagram. Lout and
Rout
are standard line outputs. The Lout/Rout outputs
have an internal multiplexer that allows the user to
select TV audio either before or after the internal
volume control function. When Bit 1 in Register 4 is set
low (0), the volume control is used. When this bit is set
high (1), the volume control is bypassed. The power-up
default state is volume control active. In addition, the
audio
inputs
from
the
TV
SCART
connector
(TV_Lin/TV_Rin) can be switched to the line outputs.
This is controlled by bit-3 of Register 4. Setting this bit
low (0) is the normal operation where the line outputs
follow the TV SCART outputs. Setting this bit high (1)
will switch the line outputs to the audio source on the
TV_Lin/TV_Rin
inputs.
RF Mono Output: The TV_Lout and TV_Rout signals
are also summed internally to generate a mono audio
signal for an external RF modulator. This output is
labeled Mod_Mono. The internal summing circuit is
after the volume control mux so the audio control on
this output will be the same as that selected for the
TV_Lout
and TV_Rout outputs.
TV Audio Mute: A mute function is provided for all TV
audio outputs. The mute function is controlled by
setting Bit 6 in Register 0. When this bit is set to a high
state (1), all TV audio outputs are muted. This will be
the default condition at power-up. When the bit is set to
a low state (0), the audio path will be in normal
operating mode. This bit can be set independent of the
volume control such that the outputs can be muted
before any change in volume, or any switching of audio
sources.


Similar Part No. - 5002R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5002 TI1-5002 Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Keystone Electronics Co...
5002 KEYSTONE-5002 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Intersil Corporation
5002 INTERSIL-5002 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - 5002R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5002C-CGT ETC-5002C-CGT Datasheet
106Kb / 23P
   Dual SCART A/V Switch
logo
TDK Electronics
AVPRO5003 TDK-AVPRO5003 Datasheet
125Kb / 17P
   Triple SCART A/V Switch
logo
Maxim Integrated Produc...
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com