Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5303B-CM Datasheet(PDF) 7 Page - Teridian Semiconductor Corporation

Part # 5303B-CM
Description  Universal 3-Input A/V Switch Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

5303B-CM Datasheet(HTML) 7 Page - Teridian Semiconductor Corporation

Back Button 5303B-CM Datasheet HTML 3Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 4Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 5Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 6Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 7Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 8Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 9Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 10Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 11Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AVPro® 5303B
Universal 3-Input A/V Switch Interface
DATA SHEET
Page: 7 of 16
© 2005 TERIDIAN Semiconductor Corporation
Rev 1.0
PIN DESCRIPTIONS (Continued)
Name
Pin
Type
Description
Digital Pins
Dev_Addr
29
I
Device Address Input
Pdwn
28
I
Chip Power Down
SCLK
30
I
Serial Clock Input: This pin accepts a serial port clock input signal.
SDATA
31
I/O
Serial Data Input/Output that can receive or transmit serial data.
Power/Ground Pins
VCC
9,
33,
43
-
+5 VDC power supply pins.
VDD
27
-
+12 VDC power supply pin for function switching circuits.
Vref
20
-
Internal voltage reference, bypass pin. Add capacitor 0.1µF(1.0 µF for better PSRR ) to
ground.
GND
20,
26,
34,
42
-
Ground for all blocks.
Rbias
11
-
Bias point of internal current generator. Add resistor 10.0kΩ(+ 1%) to ground.
Tgen
32
-
Reference point for internal timing circuit. Add capacitor 470pF to ground.
N/C
12
-
No connect.


Similar Part No. - 5303B-CM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5303 SUMIDA-5303 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
logo
Murata Manufacturing Co...
53030C MURATA-53030C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Murata Power Solutions ...
53030C MURATA-PS-53030C Datasheet
142Kb / 3P
   10A Current Sensing Transformers
2021
logo
Festo Corporation.
530320 FESTO-530320 Datasheet
93Kb / 1P
   Pressure regulator
3/17/22
530322 FESTO-530322 Datasheet
88Kb / 1P
   Pressure regulator
3/17/22
More results

Similar Description - 5303B-CM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
SG Micro Corp
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
   3-Input Video Switch
logo
Unisonic Technologies
M4034 UTC-M4034_15 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
Texas Instruments
TPS54373PWPRG4 TI1-TPS54373PWPRG4 Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com