Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THFF100X-100GYB Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # THFF100X-100GYB
Description  HIGH FREQUENCY FLANGED TERMINATOR - Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

THFF100X-100GYB Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  THFF100X-100GYB Datasheet HTML 1Page - American Accurate Components, Inc. THFF100X-100GYB Datasheet HTML 2Page - American Accurate Components, Inc. THFF100X-100GYB Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
American Accurate Components, Inc.
HIGH FREQUENCY FLANGED TERMINATOR – Surface Mount
The content of this specification may change without notification 7/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
3
VSWR DATA
THFF150-FYM
THFF250-FYM
S11 DATA
THFF150-FYM
THFF250-FYM
TEMPERATURE RISE with 0.2K/W heat sink
Applied Power
THFF150-50FYM
Applied Power
THFF250-50FYM


Similar Part No. - THFF100X-100GYB

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF106K035P1F CDE-THF106K035P1F Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF106K050P1F CDE-THF106K050P1F Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF107K010P1F CDE-THF107K010P1F Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF107K020P1G CDE-THF107K020P1G Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results

Similar Description - THFF100X-100GYB

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFTF10-C50OHMF IRCTT-HFR-RFTF10-C50OHMF Datasheet
531Kb / 4P
   High Frequency Surface Mount Terminator
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
logo
Vishay Siliconix
IMC1008ERR15J VISHAY-IMC1008ERR15J Datasheet
105Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 10-Aug-06
IMC-1008 VISHAY-IMC-1008_17 Datasheet
104Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 08-Jan-15
IMC-0805 VISHAY-IMC-0805 Datasheet
63Kb / 1P
   High Frequency, Surface Mount, Molded
Revision 10-Sep-03
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
   High Frequency Surface Mount Terminators
HFR-PAT1220-C-0-T IRCTT-HFR-PAT1220-C-0-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
   High Frequency Surface Mount Attenuators
logo
Vishay Siliconix
IMC-1008 VISHAY-IMC-1008_V01 Datasheet
87Kb / 3P
   High Frequency, Surface Mount Inductors
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com