Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX8696-16U8DBBRDK Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8696-16U8DBBRDK
Description  PCI Express Gen 2 Switch, 96 Lanes, 24 Ports
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8696-16U8DBBRDK Datasheet(HTML) 2 Page - PLX Technology

  PEX8696-16U8DBBRDK Datasheet HTML 1Page - PLX Technology PEX8696-16U8DBBRDK Datasheet HTML 2Page - PLX Technology PEX8696-16U8DBBRDK Datasheet HTML 3Page - PLX Technology PEX8696-16U8DBBRDK Datasheet HTML 4Page - PLX Technology PEX8696-16U8DBBRDK Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PEX 8696, PCI Express Gen 2 Switch, 96 Lanes, 24 Ports
© PLX Technology, www.plxtech.com
Page 2 of 2
5/14/2009, Version 1.1
Figure 2. Common Multi-Host Configurations
PEX 8696
PEX 8696
PEX 8696
PEX 8696
x16
2 x8, 4x4
2 x8, 4 x4
x16
PEX 8696
PEX 8696
PEX 8696
PEX 8696
x8
6 x4
6 x4
x8
x8
6 x4
PEX 8696
PEX 8696
PEX 8696
PEX 8696
20 x4s
4 x4s
PEX 8696
PEX 8696
PEX 8696
PEX 8696
2 x8, 12 x4s
8 x4s
CPU
CPU
Primary Host
Primary Host
Root
Complex
Root
Complex
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8696
PEX 8696
NT
CPU
CPU
Secondary Host
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
CPU
CPU
Primary Host
Primary Host
CPU
CPU
Primary Host
Primary Host
Root
Complex
Root
Complex
Root
Complex
Root
Complex
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8696
PEX 8696
NT
CPU
CPU
Secondary Host
Secondary Host
CPU
CPU
Secondary Host
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
The PEX 8696 can also be configured in Multi-Host
mode where users can choose up to eight ports as
host/upstream ports and assign a desired number of
downstream ports to each host. In Multi-Host mode, a
virtual switch is created for each host port and its
associated downstream ports inside the device. The
traffic between the ports of a virtual switch is completely
isolated from the traffic in other virtual switches. Figure
2 illustrates some configurations of the PEX 8696 in
Multi-Host mode where each ellipse represents a virtual
switch inside the device.
The PEX 8696 also
provides several ways to
configure its registers. The
device can be configured
through strapping pins,
I
2C interface, host
software, or an optional
serial EEPROM. This
allows for easy debug
during the development
phase, performance monitoring during the operation
phase, and driver or software upgrade.
Dual-Host & Failover Support
In Single-Host mode, the PEX 8696 supports a Non-
Transparent (NT) Port, which enables the
implementation of dual-host systems for redundancy
and host failover capability.
The NT port allows systems
to isolate host memory
domains by presenting the
processor subsystem as an
endpoint rather than another
memory system. Base
address registers are used
to translate addresses;
doorbell registers are
used
to send interrupts
between the address
domains; and scratchpad registers (accessible by both
CPUs) allow inter-processor communication (see Figure
3).
Multi-Host & Failover Support
In Multi-Host mode, PEX 8696 can be configured with
up to eight upstream host ports, each with its own
dedicated downstream ports. The device can be
configured for 1+1 redundancy or N+1 redundancy. The
PEX 8696 allows the hosts to communicate their status
to each other via special door-bell registers. In failover
mode, if a host fails, the host designated for failover will
disable the upstream port attached to the failing host and
program the downstream ports of that host to its own
domain. Figure 4a shows a two host system in Multi-
Host mode with two virtual switches inside the device
and Figure 4b shows Host 1 disabled after failure and
Host 2 having taken over all of Host 1’s end-points.
PEX 8696
PEX 8696
PEX 8696
PEX 8696
Figure 4a. Multi-Host
Host 1
Host 1
Host 1
Host 1
Host 2
Host 2
Host 2
Host 2
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Figure 4b. Multi-Host Fail-Over
Host 1
Host 1
Host 1
Host 1
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Host 2
Host 2
Host 2
Host 2
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering
down the system. The PEX 8696 hot plug capability
feature makes it suitable for High Availability (HA)
applications. Four downstream ports include a Standard
Hot Plug Controller. If the PEX 8696 is used in an
application where one or more of its downstream ports
connect to PCI Express slots, each port’s Hot Plug
Controller can be used to manage the hot-plug event of
its associated slot. Every port on the PEX 8696 is
equipped with a hot-plug control/status register to
support hot-plug capability through external logic via the
I
2C interface.
SerDes Power and Signal Management
The PEX 8696 supports software control of the SerDes
outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and
high. The SerDes block also supports loop-back modes
and advanced reporting of error conditions, which
enables efficient management of the entire system.
Interoperability
The PEX 8696 is designed to be fully compliant with the
PCI Express Base Specification r2.0, and is backwards
compatible to PCI Express Base Specification r1.1 and
r1.0a. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. Furthermore, the PEX
8696 is tested for Microsoft Vista compliance. All PLX
switches undergo thorough interoperability testing in
PLX’s Interoperability Lab and compliance testing at
the PCI-SIG plug-fest.


Similar Part No. - PEX8696-16U8DBBRDK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8696 AVAGO-PEX8696 Datasheet
314Kb / 5P
   PCI Express Gen 2 Switch
More results

Similar Description - PEX8696-16U8DBBRDK

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8796 PLX-PEX8796 Datasheet
570Kb / 5P
   PCI Express Gen3 Switch, 96 Lanes, 24 Ports
PEX8664 PLX-PEX8664 Datasheet
387Kb / 5P
   PCI Express Gen 2 Switch, 64 Lanes, 16 Ports
PEX8680 PLX-PEX8680 Datasheet
356Kb / 5P
   PCI Express Gen 2 Switch, 80 Lanes, 20 Ports
PEX8649 PLX-PEX8649 Datasheet
415Kb / 5P
   PCI Express Gen 2 Switch, 48 Lanes, 12 Ports
PEX8749 PLX-PEX8749 Datasheet
807Kb / 5P
   PCI Express Gen 3 Switch, 48 Lanes, 18 Ports
PEX8748 PLX-PEX8748 Datasheet
393Kb / 5P
   PCI Express Gen 3 Switch, 48 Lanes, 12 Ports
PEX8733 PLX-PEX8733 Datasheet
659Kb / 5P
   PCI Express Gen 3 Switch, 32 Lanes, 18 Ports
PEX8747 PLX-PEX8747 Datasheet
599Kb / 4P
   PCI Express Gen 3 Switch, 48 Lanes, 5 Ports
PEX8764 PLX-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch, 64 Lanes, 16 Ports
PEX8734 PLX-PEX8734 Datasheet
556Kb / 5P
   PCI Express Gen3 Switch, 32 Lanes, 8 Ports
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com