Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34700 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC34700
Description  9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34700 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34700_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34700
BUCK CONVERTER 2
Maximum VIN2 Input Voltage
VIN2_MAX
-
6.0
-
V
Minimum VIN2 Input Voltage
VIN2_MIN
-
1.5
-
V
Maximum Output Voltage
VIN = 9.0 V
VDC2VOUTMAX
-
3.6
-
V
Minimum Output Voltage
VIN = 9.0 V
VDC2VOUTMIN
-
0.7
-
V
Maximum Output Current
IOUTDC2MAX
-
1.25
-
A
Total System Accuracy
ΔVOUT2
-1.5
-
1.5
%
Peak Short-circuit Current Limit
ISHORT2
2.0
-
4.5
A
High Side On Resistance
RDS(ON)_HS
-
175
-
m
Ω
Low Side On Resistance
RDS(ON)_LS
-
150
-
m
Ω
Equivalent Dropout Resistance
VIN2 = 1.7 V, VOUT = 1.25 V,
ILOAD = 1.25 A
RDO
-
150
-
m
Ω
SW2 Leakage Current
VIN = 12 V, VIN2 = 0 V, EN2 = 0 V
ISW2
-
400
-
μA
Error Amplifier DC Gain
AEA
-
110
-
dB
Error Amplifier Unity Gain Bandwidth
GBW
-
4.0
-
MHz
Error Amplifier Slew Rate
SR
-
1.8
-
V/
μs
Current Limit Timer
tLIM2
-
10
-
ms
Current Limit Retry Timeout Period
tTIMEOUT2
-
100
-
ms
BUCK CONVERTER 3
Maximum VIN3 Input Voltage
VIN3_MAX
-
6.0
-
V
Minimum VIN3 Input Voltage
VIN3_MIN
-
1.5
-
V
Maximum Output Voltage
VDC3VOUTMAX
-
3.6
-
V
Minimum Output Voltage
VDC2VOUTMIN
-
0.7
-
V
Maximum Output Current
IOUTDC3MAX
-
1.25
-
A
Total System Accuracy
ΔVOUT3
-1.5
-
1.5
%
Peak Short-circuit Current Limit
ISHORT3
2.0
-
4.5
A
High Side On Resistance
RDS(ON)_HS
-
160
-
m
Ω
Low Side On Resistance
RDS(ON)_LS
-
140
-
m
Ω
Equivalent Dropout Resistance
VIN2 = 1.7 V, VOUT = 1.25 V,
ILOAD = 1.25 A
RDO
-
150
-
m
Ω
SW3 Leakage Current
VIN = 12 V, VIN3 = 0 V, EN3 = 0 V
ISW3
-
400
-
μA
Error Amplifier DC Gain
AEA
-
110
-
dB
Error Amplifier Unity Gain Bandwidth
GBW
-
4.0
-
MHz
Error Amplifier Slew Rate
SR
-
1.8
-
V/
μs
Current Limit Timer
tLIM3
-
10
-
ms
Current Limit Retry Timeout Period
tTIMEOUT3
-
100
-
ms
Table 2. Electrical Characteristics (continued)
Characteristics noted under conditions 9.0 V
≤ VIN ≤ 18 V, -40°C ≤ TA ≤ 85°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC34700_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EPR2 FREESCALE-MC34700EPR2 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
More results

Similar Description - MC34700_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
logo
ON Semiconductor
NTD3055-150 ONSEMI-NTD3055-150 Datasheet
67Kb / 8P
   Power MOSFET 9.0 A, 60 V
August, 2004 ??Rev. 4
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
   Quad Output DC Power Supply
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
   500W Quad Output Power Supply
logo
Mean Well Enterprises C...
QP-1000 MEANWELL-QP-1000_09 Datasheet
130Kb / 4P
   1000W Quad Output Power Supply
logo
Total Power Internation...
RQ-50 TOTAL-POWER-RQ-50 Datasheet
301Kb / 2P
   50W Quad Output Switching Power Supply
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com