Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51AC256B Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCF51AC256B
Description  ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51AC256B Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCF51AC256B Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51AC256B Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51AC256B Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51AC256B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51AC256B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51AC256B Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51AC256B Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51AC256B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51AC256B Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MCF51AC256 ColdFire Microcontroller Data Sheet, Rev.4
MCF51AC256 Family Configurations
Freescale Semiconductor
8
— Multi-master operation
— Software programmable for one of 64 different serial clock frequencies
— Interrupt driven byte-by-byte data transfer
— Arbitration lost interrupt with automatic mode switching from master to slave
— Calling address identification interrupt
— Bus busy detection
— 10-bit address extension
Controller area network (CAN)
— Implementation of the CAN protocol — Version 2.0A/B
– Standard and extended data frames
– Zero to eight bytes data length
– Programmable bit rate up to 1 Mbps
– Support for remote frames
— Five receive buffers with FIFO storage scheme
— Three transmit buffers with internal prioritization using a “local priority” concept
— Flexible maskable identifier filter supports two full-size (32-bit) extended identifier filters, four
16-bit filters, or eight 8-bit filters
— Programmable wakeup functionality with integrated low-pass filter
— Programmable loopback mode supports self-test operation
— Programmable listen-only mode for monitoring of CAN bus
— Programmable bus-off recovery functionality
— Separate signalling and interrupt capabilities for all CAN receiver and transmitter error states
(warning, error passive, bus-off)
— Internal timer for time-stamping of received and transmitted messages
Serial communications interfaces (SCI)
— Full-duplex, standard non-return-to-zero (NRZ) format
— Double-buffered transmitter and receiver with separate enables
— Programmable baud rates (13-bit modulo divider)
— Interrupt-driven or polled operation
— Hardware parity generation and checking
— Programmable 8-bit or 9-bit character length
— Receiver wakeup by idle-line or address-mark
— Optional 13-bit break character generation / 11-bit break character detection
— Selectable transmitter output polarity
Serial peripheral interfaces (SPI)
— Master or slave mode operation
— Full-duplex or single-wire bidirectional option
— Programmable transmit bit rate
— Double-buffered transmit and receive
— Serial clock phase and polarity options


Similar Part No. - MCF51AC256B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51AC256B FREESCALE-MCF51AC256B Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256BVFUE FREESCALE-MCF51AC256BVFUE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256BVLKE FREESCALE-MCF51AC256BVLKE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256BVPUE FREESCALE-MCF51AC256BVPUE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
More results

Similar Description - MCF51AC256B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com