Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51AC256ACPUE Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF51AC256ACPUE
Description  ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51AC256ACPUE Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF51AC256ACPUE Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51AC256ACPUE Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51AC256ACPUE Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51AC256ACPUE Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51AC256ACPUE Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51AC256ACPUE Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51AC256ACPUE Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51AC256ACPUE Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51AC256ACPUE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
MCF51AC256 Family Configurations
MCF51AC256 ColdFire Microcontroller Data Sheet, Rev.4
Freescale Semiconductor
3
1
MCF51AC256 Family Configurations
1.1
Device Comparison
The MCF51AC256 series is summarized in Table 1.
Table 1. MCF51AC256 Series Device Comparison
Feature
MCF51AC256A MCF51AC256B MCF51AC128A
MCF51AC128C
80-pin
64-pin
80-pin
64-pin
80-pin
64-pin
80-pin
64-pin
Flash memory size (Kbytes)
256
128
RAM size (Kbytes)
32
32 or 161
V1 ColdFire core with BDM (background debug
module)
Yes
ACMP1 (analog comparator)
Yes
ACMP2 (analog comparator)
Yes
ADC (analog-to-digital converter) channels (12-bit)
24
20
24
20
24
20
24
20
CAN (controller area network)
Yes
No
Yes
No
COP (computer operating properly)
Yes
CRC (cyclic redundancy check)
Yes
RTI
Yes
DBG (debug)
Yes
IIC1 (inter-integrated circuit)
Yes
IRQ (interrupt request input)
Yes
INTC (interrupt controller)
Yes
KBI (keyboard interrupts)
Yes
LVD (low-voltage detector)
Yes
MCG (multipurpose clock generator)
Yes
OSC (crystal oscillator)
Yes
Port I/O2
69
54
69
54
69
54
69
54
RGPIO (rapid general-purpose I/O)
16
SCI1, SCI2 (serial communications interfaces)
Yes
SPI1 (serial peripheral interface)
Yes
SPI2 (serial peripheral interface)
Yes
No
Yes
No
Yes
No
Yes
No
FTM1 (flexible timer module) channels
6
FTM2 channels
6
2
6
2
6
2
6
2
TPM3 (timer pulse-width modulator) channels
2
VBUS (debug visibility bus)
Yes
No
Yes
No
Yes
No
Yes
No


Similar Part No. - MCF51AC256ACPUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51AC256A FREESCALE-MCF51AC256A Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256AVFUE FREESCALE-MCF51AC256AVFUE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256AVLKE FREESCALE-MCF51AC256AVLKE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256AVPUE FREESCALE-MCF51AC256AVPUE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
More results

Similar Description - MCF51AC256ACPUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com