Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51AC128CCFUE Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCF51AC128CCFUE
Description  ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51AC128CCFUE Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCF51AC128CCFUE Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51AC128CCFUE Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51AC128CCFUE Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51AC128CCFUE Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51AC128CCFUE Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51AC128CCFUE Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51AC128CCFUE Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51AC128CCFUE Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51AC128CCFUE Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MCF51AC256 ColdFire Microcontroller Data Sheet, Rev.4
MCF51AC256 Family Configurations
Freescale Semiconductor
6
1.3.1
Feature List
32-bit Version 1 ColdFire® central processor unit (CPU)
— Up to 50.33 MHz at 2.7 V – 5.5 V
— Provide 0.94 Dhrystone 2.1 DMIPS per MHz performance when running from internal RAM
(0.76 DMIPS per MHz when running from flash)
— Implements instruction set revision C (ISA_C)
On-chip memory
— Up to 256 KB flash memory read/program/erase over full operating voltage and temperature
— Up to 32 KB static random access memory (SRAM)
— Security circuitry to prevent unauthorized access to SRAM and flash contents
Power-Saving Modes
— Three low-power stop plus wait modes
— Peripheral clock enable register can disable clocks to unused modules, reducing currents;
allows clocks to remain enabled to specific peripherals in stop3 mode
System protection features
— Watchdog computer operating properly (COP) reset
— Low-voltage detection with reset or interrupt
— Illegal opcode and illegal address detection with programmable reset or exception response
— Flash block protection
Debug support
— Single-wire background debug interface
— Real-time debug support, with 6 hardware breakpoints (4 PC, 1 address pair and 1 data) that
can be configured into a 1- or 2-level trigger
— On-chip trace buffer provides programmable start/stop recording conditions plus support for
continuous or PC-profiling modes
— Support for real-time program (and optional partial data) trace using the debug visibility bus
V1 ColdFire interrupt controller (CF1_INTC)
— Support of 40 peripheral I/O interrupt requests plus seven software (one per level) interrupt
requests
— Fixed association between interrupt request source and level plus priority, up to two requests
can be remapped to the highest maskable level + priority
— Unique vector number for each interrupt source
— Support for service routine interrupt acknowledge (software IACK) read cycles for improved
system performance
Multipurpose clock generator (MCG)
— Oscillator (XOSC); loop-control Pierce oscillator; crystal or ceramic resonator range of 31.25
kHz to 38.4 kHz or 1 MHz to 16 MHz
— FLL/PLL controlled by internal or external reference
— Trimmable internal reference allows 0.2% resolution and 2% deviation
Analog-to-digital converter (ADC)


Similar Part No. - MCF51AC128CCFUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51AC128C FREESCALE-MCF51AC128C Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC128CVFUE FREESCALE-MCF51AC128CVFUE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC128CVLKE FREESCALE-MCF51AC128CVLKE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC128CVPUE FREESCALE-MCF51AC128CVPUE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
More results

Similar Description - MCF51AC128CCFUE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com