Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX257DJM4 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCIMX257DJM4
Description  i.MX25 Applications Processor for Consumer and Industrial Products
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX257DJM4 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCIMX257DJM4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX257DJM4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX257DJM4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX257DJM4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX257DJM4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX257DJM4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX257DJM4 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX257DJM4 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX257DJM4 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 2
Freescale Semiconductor
11
I/O supply voltage, GPIO
CRM,LCDC,JTAG,MISC
NVDD_GPIO2
3.0
3.3
3.6
I/O supply voltage DDR (Mobile DDR mode)
EMI1, EMI2
NVDD_MDDR
1.75
1.95
V
I/O supply voltage DDR (DDR2 mode)
EMI1,EMI2
NVDD_DDR2
1.75
1.9
V
I/O supply voltage DDR (SDRAM mode)
EMI1,EMI2
NVDD_SDRAM
1.75
3.6
V
Supply of USBPHY1 (HS)
USBPHY1_VDDA_BIAS, USBPHY1_UPLL_VDD,USBPHY1_VDDA
VDD_usbphy1
3.17
3.3
3.43
V
Supply of USBPHY2 (FS)
USBPHY2_VDD
VDD_usbphy2
3.0
3.3
3.6
V
Supply of OSC24M
OSC24M_VDD
VDD_OSC24M
3.0
3.3
3.6
V
Supply of PLL
MPLL_VDD,UPLL_VDD
VDD_PLL
1.4
1.65
V
Supply of touchscreen ADC
NVCC_ADC
VDD_tsc
3.0
3.3
3.6
V
External reference of touchscreen ADC
Ref
Vref
2.5
VDD_tsc VDD_tsc
V
Fusebox program supply voltage
FUSE_VDD
2
FUSEVDD
(program mode)
—3.6
V
Supply output3
NVCC_DRYICE
VDD_
1.0
1.55
V
Operating ambient temperature
TA
–40
85
oC
1 V
DD_BAT must always be powered by battery in security application. In non-security case, VDD_BAT can be connected to QVDD.
2 The fusebox read supply is connected to supply of the full speed USBPHY2_VDD. FUSE_VDD is only used for programming.
It is recommended that FUSE_VDD be connected to ground when not being used for programming. See Table 6 for current
parameters.
3 NVCC_DRYICE is supply output. A 0.1-μF external capacitor should be connected to it.
Table 5. DC Operating Conditions (continued)
Parameter
Symbol
Min.
Typ.
Max.
Units


Similar Part No. - MCIMX257DJM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX257DJM4 FREESCALE-MCIMX257DJM4 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4 FREESCALE-MCIMX257DJM4 Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4AR2 FREESCALE-MCIMX257DJM4AR2 Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results

Similar Description - MCIMX257DJM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com