Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33988 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33988
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33988 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33988 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33988 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33988
PIN CONNECTIONS
11
SO
Output
Serial Output
This output pin is connected to the SPI Serial Data Input pin of the
MCU or to the SI pin of the next device of a daisy chain of devices.
12
IN1
Input
Direct Input 1
This input pin is used to directly control the output HS1.
13
GND
Ground
Ground
This pin is the ground for the logic and analog circuitry of the device.
14
VPWR
Input
Positive Power Supply
This pin connects to the positive power supply and is the source input
of operational power for the device.
15
HS1
Output
High Side Output 1
Protected 8.0m
Ω high side power output to the load.
16
HS0
Output
High Side Output 0
Protected 8.0m
Ω high side power output to the load.
Table 1. Pin Definitions (continued)
Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 16.
Pin
Pin Name
Pin
Function
Formal Name
Definition


Similar Part No. - 33988

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33988 FREESCALE-33988 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
logo
General Cable Technolog...
339880 GENERAL-339880 Datasheet
22Kb / 1P
   INSTRUMENTATION CABLE
logo
Freescale Semiconductor...
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results

Similar Description - 33988

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com