Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX31L Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCIMX31L
Description  Multimedia Applications Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31L Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCIMX31L Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX31L Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX31L Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX31L Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX31L Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX31L Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX31L Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31L Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31L Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
Introduction
MCIMX31/MCIMX31L Technical Data, Rev. 4.3
Freescale Semiconductor
3
1.2
Ordering Information
Table 1 provides the ordering information for the MCIMX31.
1.2.1
Feature Differences Between Mask Sets
There are no silicon differences between revisions 2.0 and 2.0.1. The main difference is an updated iROM
code which supports USB-HS, SD/MMC boot modes and corrects some boot mode related erratas.
Table 1. Ordering Information1
1 Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010:
Indicated by the Icon (!)
Part Number
Silicon Revision2, 3, 4,5
2 Information on reading the silicon revision register can be found in the IC Identification (IIM) chapter of the Reference Manual,
see Section 6, “Product Documentation.”
3 Errata and fix information of the various mask sets can be found in the standard MCIMX31 Chip Errata, see Section 6, “Product
Documentation.”
4 Changes in output buffer characteristics can be found in the I/O Setting Exceptions and Special Pad Descriptions table in the
Reference Manual, see Section 6, “Product Documentation.”
5 JTAG functionality is not tested nor guaranteed at -40°C.
Device Mask
Operating Temperature
Range (
°C)
Package6
6 Case 1581 and 1931 are RoHS compliant, lead-free, MSL = 3.
MCIMX31DVKN5D!
2.0.1
M91E
–20 to 70
14 x 14 mm,
0.5 mm pitch,
MAPBGA-457,
Case 1581
MCIMX31LDVKN5D!
2.0.1
M91E
–20 to 70
MCIMX31CVKN5D!
2.0.1
M91E
–40 to 85
MCIMX31LCVKN5D!
2.0.1
M91E
–40 to 85
MCIMX31DVMN5D!
2.0.1
M91E
–20 to 70
19 x 19 mm,
0.8 mm pitch,
Case 1931
MCIMX31LDVMN5D!
2.0.1
M91E
–20 to 70
MCIMX31CJKN5D
2.0.1
M91E
–40 to 85
14 x 14 mm,
0.5 mm pitch,
MAPBGA-457,
Case 1581
MCIMX31LCJKN5D
2.0.1
M91E
–40 to 85


Similar Part No. - MCIMX31L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31L FREESCALE-MCIMX31L Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31L FREESCALE-MCIMX31L Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
More results

Similar Description - MCIMX31L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_08 Datasheet
1Mb / 122P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31 Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
   Power Management for Multimedia Processors
STW4810_0709 STMICROELECTRONICS-STW4810_0709 Datasheet
979Kb / 79P
   Power management for multimedia processors
logo
Freescale Semiconductor...
MCIMX27VOP4A FREESCALE-MCIMX27VOP4A Datasheet
972Kb / 122P
   Multimedia Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com