Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA81XXTKEG Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA81XXTKEG
Description  Digital X-Axis or Z-Axis Accelerometer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA81XXTKEG Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA81XXTKEG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA81XXTKEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA81XXTKEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA81XXTKEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA81XXTKEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA81XXTKEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA81XXTKEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA81XXTKEG Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA81XXTKEG Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
MMA81XXTKEG
Sensors
6
Freescale Semiconductor
1.3
PIN FUNCTIONS
The following paragraphs provide descriptions of the general function of each pin.
1.3.1
HCAP and VSS
Power is supplied to the ASIC through BUSIN or BUSOUT and BUSRTN. The supply voltage is rectified internally and applied
to the HCAP pin. An external capacitor connected to HCAP forms the positive supply for the integrated voltage regulator. VSS is
supply return node. All VSS pins are internally connected to BUSRTN. To obtain specified performance, all VSS nodes should be
connected to the BUSRTN node on the PWB. To ensure stability of the internal voltage regulator and meet DFMEA requirements,
the connection from HCAP to the external capacitor should be as short as possible and should not be routed elsewhere on the
printed wiring assembly.
The voltage on HCAP is monitored. If the voltage falls below a specified level, the device will return the value zero in response to
a short word Read Acceleration Data command, and report the undervoltage condition by setting the Undervoltage (U) flag.
Should the undervoltage condition persist for more than one millisecond, the internal Power-On Reset (POR) circuit is activated
and the device will not respond until the voltage at HCAP is restored to operating levels and the device has undergone post-reset
initialization.
1.3.2
BUSIN
The BUSIN pin is normally connected to the DSI bus and supports bidirectional communication with the master.
MMA81XXEG supports reverse initialization for improved system fault tolerance. In the event that the DSI bus cannot support
communication between the master and BUSIN pin, communication with the master may be conducted via the BUSOUT pin and
the BUSIN pin can be used to access other DSI devices.
1.3.3
BUSOUT
The BUSOUT pin is normally connected to the DSI bus for daisy-chained bus configurations. In support of fault tolerance at the
system level, the BUSOUT pin can be used as an input for reverse initialization and data communication.
The internal bus switch is always open following reset. The bus switch is closed when data bit D6 is set when an Initialization or
Reverse Initialization command is received.
1.3.4
BUSRTN
This pin provides the common return for power and signalling.
1.3.5
CREG
The internal voltage regulator requires external capacitance to the VSS pin for stability. This should be a high grade capacitor
without excessive internal resistance or inductance. An optional electrolytic capacitor may be required if a longer power down
delay is required.
Figure 1-3 illustrates the relationship between capacitance, series resistance and voltage regulator stability. Two CREG pins are
provided for redundancy. It is recommended that both CREG pins are connected to the external capacitor(s) for best system
reliability.
Figure 1-3. Voltage Regulator Capacitance and Series Resistance
CREG
1
μF100 μF
ESR
STABLE
STABLE, UNACCEPTABLE
0
700 m
Ω
NOISE PERFORMANCE


Similar Part No. - MMA81XXTKEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
More results

Similar Description - MMA81XXTKEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com