Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8225EG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA8225EG
Description  Digital X-Axis or Z-Axis Accelerometer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8225EG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA8225EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8225EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8225EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8225EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8225EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8225EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8225EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8225EG Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8225EG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
MMA81XXTKEG
Sensors
Freescale Semiconductor
9
SECTION 2 SUPPORT MODULES
2.1
MASTER OSCILLATOR
A temperature-compensated internal oscillator provides a stable timing reference for the device. The oscillator is factory-trimmed
to operate at a nominal frequency of 4 MHz.
2.2
VOLTAGE REGULATION
The internal voltage regulator has minimum voltage level detection, which will hold the device in reset and prevent data
transmission should the regulator output fall during operation. The regulator also has an input voltage clamp to limit the power
dissipated in the regulator during voltage spikes on the HCAP pin which might come from the two or three wire satellite bus.
2.3
BESSEL FILTER
180-Hz, 2-pole and 400 Hz 4-pole Bessel filter options are provided. The low-pass filter is implemented within a two stage
switched capacitor amplifier. The overall gain of the Bessel filter is set to a fixed value. The output of the Bessel filter output acts
as the input to the A/D converter and is also buffered and made available at the CFIL pin.
2.4
STATUS MONITORING
A number of abnormal conditions are detected by MMA81XXTKEG/MMA82XXTKEG and the behavior of the device altered if a
fault is detected. Detected fault conditions and consequent device behavior is summarized in the table below. Certain conditions,
e.g. ground loss, are qualified by device configuration. Figure 2-1 provides a representation of fault conditions, applicable quali-
fiers and effects.
Table 2-1 Fault Condition Response Summary
Condition
Description
Device Behavior
Undervoltage, CREG
Internally regulated voltage below operating
level
Device continuously undergoes reset, bus switch
open, no response to DSI commands
Sustained Undervoltage, HCAP
Voltage at HCAP below operating level for more
than 1 ms
Frame Timeout
Bus voltage remains below frame threshold
(tTO) longer than specified time.
Transient Undervoltage, HCAP
Voltage at HCAP below operating level for less
than 1 ms
Undervoltage (U) flag set, short-word Read
Acceleration Data response value equals zero
Fuse Fault
OTP fuse threshold failure
Accelerometer Status (S) flag set, short-word Read
Acceleration Data response value equals zero
Parity Fault
Parity failure detected in factory or customer
programmed OTP data
Ground Fault
Ground loss detected for more than 4.096 ms
Accelerometer Status (S) and Ground Fault (GF) flags
set, short-word Read Acceleration Data response
value equals zero


Similar Part No. - MMA8225EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8225EG FREESCALE-MMA8225EG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8225EG NXP-MMA8225EG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA8225EGR2 FREESCALE-MMA8225EGR2 Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8225EGR2 NXP-MMA8225EGR2 Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
More results

Similar Description - MMA8225EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com