Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA1260KEGR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA1260KEGR2
Description  Low G Micromachined Accelerometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1260KEGR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA1260KEGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA1260KEGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA1260KEGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA1260KEGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA1260KEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1260KEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1260KEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1260KEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1260KEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MMA1260KEG
Rev 0, 11/2009
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Low G
Micromachined Accelerometer
The MMA series of silicon capacitive, micromachined accelerometers feature
signal conditioning, a 2-pole low pass filter and temperature compensation.
Zero-g offset full scale span and filter cut-off are factory set and require no
external devices. A full system self-test capability verifies system functionality.
Features
Integral Signal Conditioning
Linear Output
2nd Order Bessel Filter
Calibrated Self-test
EPROM Parity Check Status
Transducer Hermetically Sealed at Wafer Level for Superior Reliability
Robust Design, High Shock Survivability
Qualified AEC-Q100, Rev. F Grade 2 (-40
°C/ +105°C)
Typical Applications
Vibration Monitoring and Recording
Appliance Control
Mechanical Bearing Monitoring
Computer Hard Drive Protection
Computer Mouse and Joysticks
Virtual Reality Input Devices
Sports Diagnostic Devices and Systems
ORDERING INFORMATION
Device Name
Temperature Range
Case No.
Package
MMA1260EG
–40
° to 105°C
475-01
SOIC-16
MMA1260EGR2
–40
° to 105°C
475-01
SOIC-16, Tape & Reel
MMA1260KEG*
–40
° to 105°C
475-01
SOIC-16
MMA1260KEGR2*
–40
° to 105°C
475-01
SOIC-16, Tape & Reel
*Part number sourced from a different facility.
MMA1260KEG
MMA1260KEG: Z-AXIS SENSITIVITY
MICROMACHINED
ACCELEROMETER
±1.5g
KEG SUFFIX (Pb-FREE)
16-LEAD SOIC
CASE 475-01
Figure 1. Simplified Accelerometer Functional Block Diagram
Figure 2. Pin Connections
G-Cell
Sensor
Integrator
Gain
Filter
Temp Comp
and Gain
Self-test
Control Logic &
EPROM Trim Circuits
Clock
Generator
Oscillator
VDD
VOUT
VSS
ST
STATUS
VSS
VSS
VSS
VOUT
STATUS
VDD
VSS
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - MMA1260KEGR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA1260KEGR2 NXP-MMA1260KEGR2 Datasheet
176Kb / 9P
   Low G Micromachined Accelerometer
Rev 0, 11/2009
More results

Similar Description - MMA1260KEGR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
   Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1220 FREESCALE-MMA1220 Datasheet
282Kb / 10P
   Low G Micromachined Accelerometer
MMA1270EG FREESCALE-MMA1270EG Datasheet
231Kb / 9P
   Low G Micromachined Accelerometer
MMA2201D FREESCALE-MMA2201D Datasheet
276Kb / 10P
   Low G Micromachined Accelerometer
logo
NXP Semiconductors
MMA2201KEG NXP-MMA2201KEG Datasheet
176Kb / 11P
   Low-g Micromachined Accelerometer
Rev 1, 08/2012
logo
Freescale Semiconductor...
MMA1254 FREESCALE-MMA1254 Datasheet
135Kb / 10P
   Low-g Micromachined Accelerometer
logo
Motorola, Inc
MMA1260D MOTOROLA-MMA1260D Datasheet
128Kb / 8P
   Low G Micromachined Accelerometer
logo
NXP Semiconductors
MMA1260KEG NXP-MMA1260KEG Datasheet
176Kb / 9P
   Low G Micromachined Accelerometer
Rev 0, 11/2009
logo
Freescale Semiconductor...
MMA2244EG FREESCALE-MMA2244EG Datasheet
235Kb / 10P
   Low G Micromachined Accelerometer
MMA2201KEG FREESCALE-MMA2201KEG_12 Datasheet
125Kb / 11P
   Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com