Electronic Components Datasheet Search |
|
MPC5603PEF0VLQ7R Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MPC5603PEF0VLQ7R Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 84 page MPC5604P Microcontroller Data Sheet, Rev. 5 Preliminary—Subject to Change Without Notice Freescale Semiconductor 9 2.2.2 System Pins Table 3 and Table 4 contain information on pin functions for the MPC5604P devices. The pins listed in Table 3 are single-function pins. The pins shown in Table 4 are multi-function pins, programmable via their respective Pad Configuration Register (PCR) values. Power supply pins (1.2 V). All pins available on 100-pin and 144-pin package. VDD_LV_COR0 1.2 V Decoupling pins for core logic supply. Decoupling capacitor must be connected between these pins and the nearest VSS_LV_COR0 pin. 12 18 VSS_LV_COR0 1.2 V Decoupling pins for core logic GND. Decoupling capacitor must be connected between these pins and the nearest VDD_LV_COR0 pin. 11 17 VDD_LV_COR1 1.2 V Decoupling pins for core logic supply. Decoupling capacitor must be connected between these pins and the nearest VSS_LV_COR1 pin. 65 93 VSS_LV_COR1 1.2 V Decoupling pins for core logic GND. Decoupling capacitor must be connected between these pins and the nearest VDD_LV_COR1 pin. 66 94 VDD_LV_COR2 1.2 V Decoupling pins for core logic supply. Decoupling capacitor must be connected between these pins and the nearest VSS_LV_COR2 pin. 92 131 VSS_LV_COR2 1.2 V Decoupling pins for core logic GND. Decoupling capacitor must be connected between these pins and the nearest VDD_LV_COR 2pin. 93 132 VDD_LV_COR3 1.2 V Decoupling pins for core logic supply. Decoupling capacitor must be connected between these pins and the nearest VSS_LV_COR3 pin. 25 36 VSS_LV_COR3 1.2 V Decoupling pins for core logic GND. Decoupling capacitor must be connected between these pins and the nearest VDD_LV_COR 3 pin. 24 35 1 See Section 3.6.1, “Voltage regulator electrical characteristics for more details 2 Analog supply/ground and high/low reference lines are internally physically separate, but are shorted via a double-bonding connection on VDD_HV_ADx/VSS_HV_ADx pins. 3 Not available on 100-pin package Table 2. Supply pins (continued) Supply Pin Symbol Description 100-pin 144-pin |
Similar Part No. - MPC5603PEF0VLQ7R |
|
Similar Description - MPC5603PEF0VLQ7R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |