Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEG63263-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LEG63263-PF
Description  ROUND TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LEG63263-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LEG63263-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LEG63263-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LEG63263-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LEG63263-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LEG63263-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LEG63263-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LEG63263-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Reference
Standard
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
High Temperature
High Humidity Test
The purpose of this test is the resistance
of the device under tropical for hous.
Solderability Test
Solder Resistance
Test
Thermal Shock Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
This test intended to see soldering well
performed or not.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
High Temperature
Storage Test
Low Temperature
Storage Test
Operating Life Test
Test Item
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Test Condition
Description
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reliability Test:
6/6
Page
PART NO. LEG63263-PF


Similar Part No. - LEG63263-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LEG65062-S10-PF LIGITEK-LEG65062-S10-PF Datasheet
140Kb / 7P
   BIPOLAR TYPE LED LAMPS
LEG65062-S3-PF LIGITEK-LEG65062-S3-PF Datasheet
139Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LEG63263-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com