Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R73D-1A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R73D-1A
Description  Dual Slope A/D Type MCU with LCD
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R73D-1A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R73D-1A Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R73D-1A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R73D-1A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R73D-1A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R73D-1A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R73D-1A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R73D-1A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R73D-1A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R73D-1A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOH2
LCD Common and Segment
Current
3V
VOH=0.9VDD
-80
-160
¾mA
5V
-180
-360
¾mA
RPH
Pull-high Resistance of I/O Ports
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
Charge Pump and Regulator
VCHPI
Input Voltage
¾
Charge pump on
2.2
¾
3.6
V
Charge pump off
3.7
¾
5.5
V
VREGO
Output Voltage
¾ No load
3
3.3
3.6
V
VREGDP1
Regulator Output Voltage Drop
(Compare with No Load)
¾
VDD=3.7V~5.5V
Charge pump off
Current
£10mA
¾
100
¾
mV
VREGDP2
¾
VDD=2.4V~3.6V
Charge pump on
Current
£6mA
¾
100
¾
mV
Dual Slope AD, Amplifier and Band Gap
VRFGO
Reference Generator Output
¾ @3.3V
1.45
1.5
1.55
V
VRFGTC
Reference Generator
Temperature Coefficient
¾ @3.3V
¾
50
¾
Ppm/C
VADOFF
Input Offset Range
¾¾
¾
500
800
mV
VICMR
Common Mode Input Range
¾ Amplifier, no load
0.2
¾
VREGO
-1
V
¾ Integrator, no load
1
¾ VREGO-0.2
V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (RC OSC)
¾ 2.2V~5.5V
400
¾
4000
kHz
System Clock (Crystal OSC)
¾ 2.2V~5.5V
400
¾
4000
kHz
¾ 3.3V~5.5V
400
¾
8000
kHz
fINRC
Internal RC OSC
3V
¾
¾
12
¾
kHz
5V
¾
15
¾
kHz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
¾ 2.2V~5.5V
0
¾
4000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or wake-up from
HALT
¾
1024
¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note: tSYS= 1/fSYS
HT46R73D-1A
Rev. 1.00
5
June 25, 2008


Similar Part No. - HT46R73D-1A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R73D-1 HOLTEK-HT46R73D-1 Datasheet
337Kb / 43P
   Dual Slope A/D Type MCU with LCD
More results

Similar Description - HT46R73D-1A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R71D-1 HOLTEK-HT46R71D-1 Datasheet
347Kb / 46P
   Dual Slope A/D Type MCU with LCD
HT46RU75D-1 HOLTEK-HT46RU75D-1 Datasheet
472Kb / 59P
   Dual Slope A/D Type MCU with LCD
HT46R73D-1 HOLTEK-HT46R73D-1 Datasheet
337Kb / 43P
   Dual Slope A/D Type MCU with LCD
HT46R72D-1 HOLTEK-HT46R72D-1 Datasheet
346Kb / 44P
   Dual Slope A/D Type MCU with LCD
HT46R74D-1 HOLTEK-HT46R74D-1 Datasheet
333Kb / 48P
   Dual Slope A/D Type MCU with LCD
HT46R72D-1A HOLTEK-HT46R72D-1A Datasheet
325Kb / 44P
   Dual Slope A/D Type MCU with LCD
HT46R75D-3 HOLTEK-HT46R75D-3 Datasheet
411Kb / 60P
   Dual Slope A/D Type 8-Bit OTP MCU with LCD
HT46R73D-3 HOLTEK-HT46R73D-3 Datasheet
410Kb / 54P
   Dual Slope A/D Type 8-Bit OTP MCU with LCD
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com