Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RU26 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46RU26
Description  A/D Type 8-Bit MCU with UART
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RU26 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46RU26 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46RU26 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46RU26 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46RU26 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RU26 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RU26 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RU26 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RU26 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RU26 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
Device Types
Devices which have the letter
²R² within their part number, indicate that they are OTP devices offering the advantages
of easy and effective program updates, using the Holtek range of development and programming tools. These devices
provide the designer with the means for fast and low-cost product development cycles. Devices which have the letter
²C² within their part number indicate that they are mask version devices. These devices offer a complementary device
for applications that are at a mature state in their design process and have high volume and low cost demands.
Fully pin and functionally compatible with their OTP sister devices, the mask version devices provide the ideal substi-
tute for products which have gone beyond their development cycle and are facing cost-down demands.
In this datasheet, for convenience, when describing device functions, only the OTP types are mentioned by name,
however the same described functions also apply to the Mask type devices.
Block Diagram
Note:
This block diagram represents the OTP devices, for the mask devices there is no Device Programming
Circuitry.
HT46RU26/HT46CU26
Rev. 1.00
2
June 12, 2008
O T P
P r o g r a m
M e m o r y
D a t a
M e m o r y
W a t c h d o g
T i m e r
W a t c h d o g
T i m e r O s c i l l a t o r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
R C / C r y s t a l
S y s t e m
O s c i l l a t o r
L o w
V o l t a g e
R e s e t
A / D
C o n v e r t e r
P W M
G e n e r a t o r
P r o g r a m m a b l e
F r e q u e n c y
G e n e r a t o r
T i m e r s
U A R T
S P I
I 2 C
O T P
P r o g r a m m i n g
C i r c u i t r y
S t a c k
I / O
P o r t s


Similar Part No. - HT46RU26

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU232 HOLTEK-HT46RU232 Datasheet
473Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
HT46RU24 HOLTEK-HT46RU24 Datasheet
475Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
More results

Similar Description - HT46RU26

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU24 HOLTEK-HT46RU24 Datasheet
475Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
HT46RU232 HOLTEK-HT46RU232 Datasheet
473Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
HT66FU60A HOLTEK-HT66FU60A Datasheet
3Mb / 23P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT49RV9 HOLTEK-HT49RV9 Datasheet
350Kb / 48P
   A/D With VFD Type 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com