Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48F70E Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48F70E
Description  I/O Flash Type MCU with EEPROM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F70E Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48F70E Datasheet HTML 1Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 2Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 3Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 4Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 5Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 6Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 7Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 8Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Pin Description
Pin Name
I/O
Configuration
Option
Description
PA0~PA7
I/O
Pull-high*
Wake-up
CMOS/Schmitt
Trigger Input
Bidirectional 8-bit input/output port. Each pin can be configured as a wake-up
input by configuration option. Software instructions determine if the pin is a
CMOS output or input. Configuration options determine if all pins on this port
have pull-high resistors and if the inputs are Schmitt Trigger or non-Schmitt
Trigger.
PB0/BZ
PB1/BZ
PB2~PB7
I/O
Pull-high*
I/O or BZ/BZ
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. A configuration option determines
if all pins on this port have pull-high resistors. Pins PB0 and PB1 are
pin-shared with BZ and BZ, respectively.
PC0~PC7
I/O
Pull-high*
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A configuration option determines if
all pins on this port have pull-high resistors.
PD0~PD7
I/O
Pull-high*
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A configuration option determines if
all pins on this port have pull-high resistors.
PE0~PE7
I/O
Pull-high*
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A configuration option determines if
all pins on this port have pull-high resistors.
PF0~PF7
I/O
Pull-high*
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A configuration option determines if
all pins on this port have pull-high resistors.
PG0~PG7
I/O
Pull-high*
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A configuration option determines if
all pins on this port have pull-high resistors.
INT
I
¾
1-bit external interrupt input. This pin is Schmitt trigger input without pull-high
resistor. Edge trigger is activated during high to low transition.
TMR0
I
¾
Timer/Event Counter 0 external Schmitt trigger input pin (without pull-high re-
sistor).
TMR1
I
¾
Timer/Event Counter 1 external Schmitt trigger input pin (without pull-high re-
sistor).
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
tem clock at 1/4 frequency.
RES
I
¾
Schmitt Trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
Note:
1. Each pin on PA can be programmed through a configuration option to have a wake-up function.
2. Individual pins cannot be selected to have pull-high resistors. If the pull-high configuration is chosen for
a particular port, then all input pins on this port will be connected to pull-high resistors.
3. Configuration options determine if the pins on PA are CMOS inputs or Schmitt trigger inputs.
4. Pins PE4~PE7, PF4~PF7 and PG0~7 only exist on the 64-pin package. On the 48-pin package, these pins
are not available.
5. Unbounded pins should be setup as outputs or as inputs with pull-high resistors to conserve power.
HT48F70E
Rev. 1.30
3
July 29, 2009


Similar Part No. - HT48F70E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
   I/O Flash Type MCU with EEPROM
HT48F06E HOLTEK-HT48F06E Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
HT48F10E HOLTEK-HT48F10E Datasheet
508Kb / 69P
   I/O Flash Type MCU with EEPROM
HT48F10E HOLTEK-HT48F10E Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
More results

Similar Description - HT48F70E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
   I/O Flash Type MCU with EEPROM
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
   I/O Flash Type MCU with EEPROM
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
   Enhanced I/O Flash Type MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT69F340 HOLTEK-HT69F340 Datasheet
8Mb / 235P
   TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
   8-Bit I/O Type MCU (With EEPROM)
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
   8-Bit I/O Type MCU (With EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com