Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49C70-1 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT49C70-1
Description  LCD Type 8-Bit MCU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C70-1 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT49C70-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C70-1 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
HT49R70A-1/HT49C70-1/HT49C70L
Rev. 2.20
9
December 16, 2009
Functional Description
Execution Flow
The system clock is derived from either a crystal or an
RC oscillator or a 32768Hz crystal oscillator. It is inter-
nally divided into four non-overlapping clocks. One in-
struction cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
The pipelining scheme makes it possible for each in-
struction to be effectively executed in a cycle. If an in-
struction changes the value of the program counter, two
cycles are required to complete the instruction.
Program Counter
- PC
The program counter (PC) is 13 bits wide and it controls
the sequence in which the instructions stored in the pro-
gram ROM are executed. The contents of the PC can
specify a maximum of 8192 addresses.
After accessing a program memory word to fetch an in-
struction code, the value of the PC is incremented by 1.
The PC then points to the memory word containing the
next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading a PCL register, a subroutine call, an ini-
tial reset, an internal interrupt, an external interrupt, or
returning from a subroutine, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get a proper instruction; oth-
erwise proceed to the next instruction.
The lower byte of the PC (PCL) is a readable and
writeable register (06H). Moving data into the PCL per-
forms a short jump. The destination is within 256 loca-
tions.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow
Mode
Program Counter
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
0000000000000
External Interrupt 0
0000000000100
External Interrupt 1
0000000001000
Timer/Event Counter 0 overflow
0000000001100
Timer/Event Counter 1 overflow
0000000010000
Time Base Interrupt
0000000010100
RTC Interrupt
0000000011000
Skip
Program Counter + 2
Loading PCL
*12
*11
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#12
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return From Subroutine
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*12~*0: Program counter bits
S12~S0: Stack register bits
#12~#0: Instruction code bits
@7~@0: PCL bits


Similar Part No. - HT49C70-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C70-1 HOLTEK-HT49C70-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49C70-1 HOLTEK-HT49C70-1_12 Datasheet
294Kb / 44P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49C70-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com