Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82A623R Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82A623R
Description  A/D Type Full Speed USB 8-Bit MCU with SPI
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A623R Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82A623R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82A623R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82A623R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82A623R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82A623R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82A623R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82A623R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82A623R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82A623R Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
HT82A623R/HT82A6208/HT82A6216
Rev. 1.10
8
October 30, 2009
System Architecture
A key factor in the high-performance features of the
Holtek range of microcontrollers is attributed to the inter-
nal system architecture. The range of devices take ad-
vantage of the usual features found within RISC
microcontrollers providing increased speed of operation
and enhanced performance. The pipelining scheme is
implemented in such a way that instruction fetching and
instruction execution are overlapped, hence instructions
are effectively executed in one cycle, with the exception
of branch or call instructions. An 8-bit wide ALU is used
in practically all operations of the instruction set. It car-
ries out arithmetic operations, logic operations, rotation,
increment, decrement, branch decisions, etc. The inter-
nal data path is simplified by moving data through the
Accumulator and the ALU. Certain internal registers are
implemented in the Data Memory and can be directly or
indirectly addressed. The simple addressing methods of
these registers along with additional architectural fea-
tures ensure that a minimum of external components is
required to provide a functional I/O and A/D control sys-
tem with maximum reliability and flexibility.
Clocking and Pipelining
The main system clock, derived from a Crystal/Resona-
tor is subdivided into four internally generated non-over-
lapping clocks, T1~T4. The Program Counter is
incremented at the beginning of the T1 clock during
which time a new instruction is fetched. The remaining
T2~T4 clocks carry out the decoding and execution
functions. In this way, one T1~T4 clock cycle forms one
instruction cycle. Although the fetching and execution of
instructions takes place in consecutive instruction cy-
cles, the pipelining structure of the microcontroller en-
sures that instructions are effectively executed in one
instruction cycle. The exception to this are instructions
where the contents of the Program Counter are
changed, such as subroutine calls or jumps, in which
case the instruction will take one more instruction cycle
to execute.
For instructions involving branches, such as jump or call
instructions, two instruction cycles are required to com-
plete instruction execution. An extra cycle is required as
the program takes one cycle to first obtain the actual
jump or call address and then another cycle to actually
execute the branch. The requirement for this extra cycle
should be taken into account by programmers in timing
sensitive applications.
F e t c h I n s t . ( P C )
E x e c u t e I n s t . ( P C - 1 )
F e t c h I n s t . ( P C + 1 )
E x e c u t e I n s t . ( P C )
F e t c h I n s t . ( P C + 2 )
E x e c u t e I n s t . ( P C + 1 )
P C
P C + 1
P C + 2
O s c i l l a t o r C l o c k
( S y s t e m C l o c k )
P h a s e C l o c k T 1
P r o g r a m C o u n t e r
P h a s e C l o c k T 2
P h a s e C l o c k T 3
P h a s e C l o c k T 4
P i p e l i n i n g
System Clocking and Pipelining
F e t c h I n s t . 1
E x e c u t e I n s t . 1
F e t c h I n s t . 2
F l u s h P i p e l i n e
1
2
3
4
5
6
D E L A Y :
M O V A , [ 1 2 H ]
C A L L D E L A Y
C P L [ 1 2 H ]
:
:
N O P
E x e c u t e I n s t . 2
F e t c h I n s t . 3
F e t c h I n s t . 6
E x e c u t e I n s t . 6
F e t c h I n s t . 7
Instruction Fetching


Similar Part No. - HT82A623R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A623R HOLTEK-HT82A623R Datasheet
6Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT82A623R HOLTEK-HT82A623R_11 Datasheet
6Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
More results

Similar Description - HT82A623R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A623R HOLTEK-HT82A623R_11 Datasheet
6Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT66FB540 HOLTEK-HT66FB540 Datasheet
6Mb / 245P
   A/D Flash USB 8-Bit MCU with SPI
HT46RB50 HOLTEK-HT46RB50_06 Datasheet
415Kb / 53P
   A/D Type USB 8-Bit MCU
HT46RB70 HOLTEK-HT46RB70 Datasheet
373Kb / 53P
   A/D Type USB 8-Bit MCU
HT46RB50 HOLTEK-HT46RB50_12 Datasheet
359Kb / 52P
   A/D Type USB 8-Bit MCU
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com