Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82D22R Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82D22R
Description  27MHz Two Channel RX 8-Bit MCU
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82D22R Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82D22R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
HT82D22R/HT82D22A
Rev. 1.00
11
November 6, 2009
other registers. Any data written into the status register
will not change the TO or PDF flag. In addition, opera-
tions related to the status register may give different re-
sults from those intended.
The TO flag can be affected only by a system power-up,
a WDT time-out or executing the
²CLR WDT² or ²HALT²
instruction. The PDF flag can be affected only by exe-
cuting the
²HALT² or ²CLR WDT² instruction or during a
system power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, upon entering the interrupt sequence or exe-
cuting a subroutine call, the status register will not be
automatically pushed onto the stack. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Interrupt
The device provides an external interrupt and internal
timer/event counter interrupts. The Interrupt Control
Register (INTC;0BH) contains the interrupt control bits
to set the enable/disable and the interrupt request flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
rupt requires servicing within the service routine, the
EMI bit and the corresponding bit of the INTC may be
set to allow interrupt nesting. If the stack is full, the inter-
rupt request will not be acknowledged, even if the re-
lated interrupt is enabled, until the SP is decremented. If
immediate service is desired, the stack must be pre-
vented from becoming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at a specified location in the
program memory. Only the program counter is pushed
onto the stack. If the contents of the register or status
register (STATUS) are altered by the interrupt service
program which corrupts the desired control sequence,
the contents should be saved in advance.
The USB interrupts are triggered by the following USB
events and the related interrupt request flag (USBF; bit
4 of the INTC) will be set.
· Access of the corresponding USB FIFO from PC
· The USB suspend signal from PC
· The USB resume signal from PC
· USB Reset signal
When the interrupt is enabled, the stack is not full and
the external interrupt is active, a subroutine call to loca-
tion 04H will occur. The interrupt request flag (USBF)
and EMI bits will be cleared to disable other interrupts.
When the PC Host access the FIFO, the corresponding
request bit of the USR is set, and a USB interrupt is trig-
gered. So user can easily decide which FIFO is ac-
cessed. When the interrupt has been served, the
corresponding bit should be cleared by firmware. When
the device receives a USB Suspend signal from the
Host PC, the suspend line (bit0 of the USC) is set and a
USB interrupt is also triggered.
When the device receives a Resume signal from the
Host PC, the resume line (bit3 of the USC) are set and a
USB interrupt is triggered.
Whenever a USB reset signal is detected, the USB in-
terrupt is triggered and URST bit of the USC register is
set. When the interrupt has been served, the bit should
be cleared by firmware.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F; bit 5 of INTC), caused by a timer 0
overflow. When the interrupt is enabled, the stack is not
full and the T0F bit is set, a subroutine call to location
08H will occur. The related interrupt request flag (T0F)
will be reset and the EMI bit cleared to disable further in-
terrupts.
The internal Timer/Even Counter 1 interrupt is initialized
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1=enable; 0=disable)
1
EUI
Controls the USB interrupt (1=enable; 0= disable)
2
ET0I
Controls the Timer/Event Counter0 interrupt (1=enable; 0=disable)
3
ET1I
Controls the Timer/Event Counter1 interrupt (1=enable; 0=disable)
4
USBF
USB interrupt request flag (1=active; 0=inactive)
5
T0F
Internal Timer/Event counter0 request flag (1:active; 0:inactive)
6
T1F
Internal timer/event counter request flag (1:active; 0:inactive)
7
¾
Unused bit, read as
²0²
INTC (0BH) Register


Similar Part No. - HT82D22R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D22R HOLTEK-HT82D22R Datasheet
271Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
HT82D22R HOLTEK-HT82D22R_10 Datasheet
271Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
More results

Similar Description - HT82D22R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D22R HOLTEK-HT82D22R_10 Datasheet
271Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
HT82D20R HOLTEK-HT82D20R_10 Datasheet
284Kb / 42P
   27MHz One Channel RX 8-Bit MCU
HT82D20R HOLTEK-HT82D20R Datasheet
271Kb / 42P
   27MHz One Channel RX 8-Bit MCU
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
   27MHz Keyboard/ Mouse TX 8-Bit MCU
HT98R068-1 HOLTEK-HT98R068-1_13 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com