Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K68E-L Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82K68E-L
Description  Multimedia Keyboard Encoder 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68E-L Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82K68E-L_09 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Pin Name
I/O
Mask
Option
Description
PE0~PE1
I/O
Pull-high
or None
Bidirectional input/output port. Software* instruction determine the CMOS output
or Schmitt Trigger input with or without pull-high resistor.
If PE0 output 1, rising edge of PC2 trigger INT circuit.
PE0 output 0, falling edge of PC2 trigger INT circuit.
PE2
O
This pin is a CMOS output structure. The pad can function as LED (SCR) drivers
for the keyboard. IOL=18mA at VOL=3.4V
PE3
O
This pin is a CMOS output structure. The pad can function as LED (NUM) drivers
for the keyboard. IOL=18mA at VOL=3.4V
PE4
O
This pin is a CMOS output structure. The pad can function as LED (CAP) drivers for
the keyboard. IOL=18mA at VOL=3.4V
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
RESET
I
¾
Chip reset input. Active low. Built-in power-on reset circuit to reset the entire chip.
Chip can also be externally reset via RESET pin
OSC1
OSC2
I
O
Crystal or
RC
OSC1, OSC2 are connected to an RC network or a crystal for the internal system
clock. In the case of RC operation, OSC2 is the output terminal for the 1/4 system
clock; A 110k
W resistor is connected to OSC1 to generate a 2 MHZ frequency.
Note:
*: Software means the HT
-IDE (Holtek Integrated Development Environment) can be configured by mask
option.
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+6.0V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device
reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
1.8
¾
5.5
V
IDD1
Operating Current (Crystal OSC)
3V
No load, fSYS= 6MHz
¾
0.7
1.5
mA
5V
¾
25
mA
IDD2
Operating Current (RC OSC)
3V
No load, fSYS= 6MHz
¾
0.5
1.5
mA
5V
¾
25
mA
ISTB1
Standby Current (WDT enabled)
3V
No load, system HALT
¾¾
8
mA
5V
¾¾
15
mA
ISTB2
Standby Current (WDT Disabled)
3V
No load, system HALT
¾¾
3
mA
5V
¾¾
6
mA
VIL1
Input Low Voltage for I/O Ports
(Schmitt)
3V
¾
0
¾
0.3VDD
V
5V
¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
(Schmitt)
3V
¾
0.7VDD
¾
VDD
V
5V
¾
0.7VDD
¾
VDD
V
HT82K68E-L/HT82K68A-L
Rev. 1.30
4
August 5, 2009


Similar Part No. - HT82K68E-L_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
More results

Similar Description - HT82K68E-L_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
   Multimedia Keyboard Encoder 8-Bit Mask MCU
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
   8-Bit Multimedia Keyboard Encoder Mask MCU
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E Datasheet
347Kb / 48P
   USB Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com