Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K68A-L Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82K68A-L
Description  Multimedia Keyboard Encoder 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68A-L Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82K68A-L Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68A-L Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68A-L Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K68A-L Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K68A-L Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K68A-L Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K68A-L Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K68A-L Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K68A-L Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
HT82K68E-L/HT82K68A-L
Rev. 1.30
11
August 5, 2009
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operate in the same
manner except that in the HALT state the WDT may stop
counting and lose its protecting purpose. In this situation
the WDT logic can be restarted by external logic. The
high nibble and bit 3 of the WDTS are reserved for user
defined flags, which can be used to indicate some speci-
fied status.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will initialize
²chip reset² and set the status bit TO. An overflow in the
HALT mode, initializes a
²warm reset² only when the pro-
gram counter and stack pointer are reset to zero. To
clear the contents of the WDT (including the WDT
prescaler ), three methods are adopted; external reset
(a low level to RESET), software instruction(s), or a HALT
instruction. There are two types of software instructions;
CLR WDT and CLR WDT1/CLR WDT2. Of these two
types of instruction, only one can be active depending
on the mask option
-²CLR WDT times selection option².
If the
²CLR WDT² is selected (ie. CLR WDT times equal
one), any execution of the CLR WDT instruction will
clear the WDT. In case
²CLR WDT1² and ²CLR WDT2²
are chosen (ie. CLRWDT times equal two), these two in-
structions must be executed to clear the WDT; otherwise,
the WDT may reset the chip because of the time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the HALT instruction
and results in the following...
· The system oscillator will turn off but the WDT oscillator
keeps running (if the WDT oscillator is selected).
· The contents of the on–chip RAM and registers
remain unchanged.
· WDT and WDT prescaler will be cleared and recount
again (if the WDT clock has come from the WDT
oscillator).
· All I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, interrupt, and external falling edge signal
on port A and port C [0:3] or a WDT overflow. An exter-
nal reset causes a device initialization and the WDT
overflow performs a
²warm reset². Examining the TO
and PDF flags, the reason for chip reset can be deter-
mined. The PDF flag is cleared when system power-up
or executing the CLR WDT instruction and is set when
the HALT instruction is executed. The TO flag is set if the
WDT time-out occurs, and causes a wake-up that only
resets the program counter and stack pointer, the others
keep their original status.
On the other hand, awakening from an external interrupt
(PC2), two sequences may happen. If the interrupt is
disabled or the interrupt is enabled but the stack is full,
the program will resume execution at the next instruc-
tion. But if the interrupt is enabled and the stack is not
full, the regular interrupt response takes place.
The port A or port C [0:3] wake-up can be considered as
a continuation of normal execution. Each bit in port A
can be independently selected to wake up the device by
mask option. Awakening from an I/O port stimulus, the
program will resume execution of the next instruction.
Once a wake-up event occurs, and the system clock
comes from a crystal, it takes 1024 tSYS (system clock
period) to resume normal operation. In other words, the
device will insert a dummy period after the wake-up. If
the system clock comes from an RC oscillator, it
continues operating immediately. If the wake-up results
in next instruction execution, this will execute
immediately after the dummy period is completed.
To minimize power consumption, all I/O pins should be
carefully managed before entering the HALT status.


Similar Part No. - HT82K68A-L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68A-L HOLTEK-HT82K68A-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
More results

Similar Description - HT82K68A-L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
   Multimedia Keyboard Encoder 8-Bit Mask MCU
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
   8-Bit Multimedia Keyboard Encoder Mask MCU
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E Datasheet
347Kb / 48P
   USB Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com