Electronic Components Datasheet Search |
|
HT93LC66 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc |
|
HT93LC66 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc |
4 / 12 page HT93LC66 Rev. 1.70 4 July 10, 2009 Functional Description The HT93LC66 is accessed via a three-wire serial com- munication interface. The device is arranged into 256 words by 16 bits or 512 words by 8 bits depending whether the ORG pin is connected to VCC or VSS. The HT93LC66 contains seven instructions: READ, ERASE, WRITE, EWEN, EWDS, ERAL and WRAL. When the user selectable internal organization is arranged into 256 ´16 (512´8), these instructions are all made up of 11(12) bits data: 1 start bit, 2 op code bits and 8(9) address bits. By using the control signal CS, SK and data input signal DI, these instructions can be given to the HT93LC66. These serial instruction data presented at the DI input will be written into the device at the rising edge of SK. During the READ cycle, DO pin acts as the data output and during the WRITE or ERASE cycle, DO pin indi- cates the BUSY/READY status. When the DO pin is ac- tive for read data or as a BUSY/READY indicator the CS pin must be high; otherwise DO pin will be in a high-im- pedance state. For successful instructions, CS must be low once after the instruction is sent. After power on, the device is by default in the EWDS state. And, an EWEN instruction must be performed before any ERASE or WRITE instruction can be executed. The following are the functional descriptions and timing diagrams of all seven instructions. READ The READ instruction will stream out data at a specified address on the DO pin. The data on DO pin changes during the low-to-high edge of SK signal. The 8 bits or 16 bits data stream is preceded by a logical ²0² dummy bit. Irrespective of the condition of the EWEN or EWDS instruction, the READ command is always valid and in- dependent of these two instructions. After the data word has been read the internal address will be automatically incremented by 1 allowing the next consecutive data word to be read out without entering further address data. The address will wrap around with CS High until CS returns to LOW. EWEN/EWDS The EWEN/EWDS instruction will enable or disable the programming capabilities. At both the power on and power off state the device automatically entered the dis- able mode. Before a WRITE, ERASE, WRAL or ERAL in- struction is given, the programming enable instruction EWEN must be issued, otherwise the ERASE/WRITE in- struction is invalid. After the EWEN instruction is issued, the programming enable condition remains until power is turned off or a EWDS instruction is given. No data can be written into the device in the programming disabled state. By so doing, the internal memory data can be protected. ERASE The ERASE instruction erases data at the specified ad- dresses in the programming enable mode. After the ERASE op-code and the specified address have been issued, the data erase is activated by the falling edge of CS. Since the internal auto-timing generator provides all timing signals for the internal erase, so the SK clock is not required. During the internal erase, we can verify the busy/ready status if CS is high. The DO pin will remain low but when the operation is over, the DO pin will return to high and further instructions can be executed. WRITE The WRITE instruction writes data into the device at the specified addresses in the programming enable mode. After the WRITE op-code and the specified address and data have been issued, the data writing is activated by the falling edge of CS. Since the internal auto-timing generator provides all timing signal for the internal writ- ing, so the SK clock is not required. The auto-timing write cycle includes an automatic erase-before-write ca- pability. So, it is not necessary to erase data before the WRITE instruction. During the internal writing, we can verify the busy/ready status if CS is high. The DO pin will remain low but when the operation is over, the DO pin will return to high and further instructions can be exe- cuted. ERAL The ERAL instruction erases the entire 256 ´16 or 512´8 memory cells to logical ²1² state in the programming en- able mode. After the erase-all instruction set has been issued, the data erase feature is activated by the falling edge of CS. Since the internal auto-timing generator provides all timing signal for the erase-all operation, so the SK clock is not required. During the internal erase-all operation, we can verify the busy/ready status if CS is high. The DO pin will remain low but when the operation is over, the DO pin will return to high and further instruc- tion can be executed. WRAL The WRAL instruction writes data into the entire 256 ´16 or 512 ´8 memory cells in the programming enable mode. After the write-all instruction set has been issued, the data writing is activated by the falling edge of CS. Since the internal auto-timing generator provides all tim- ing signals for the write-all operation, so the SK clock is not required. During the internal write-all operation, we can verify the busy/ready status if CS is high. The DO pin will remain low but when the operation is over the DO pin will return to high and further instruction can be executed. |
Similar Part No. - HT93LC66 |
|
Similar Description - HT93LC66 |