Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT93LC86 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT93LC86
Description  CMOS 16K 3-Wire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC86 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT93LC86_09 Datasheet HTML 1Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
A.C. Characteristics
Symbol
Parameter
VCC=5V
±10%
VCC=3V
±10%
VCC=2.2V
Unit
Min.
Max.
Min.
Max.
Min.
Max.
fSK
Clock Frequency
0
2000
0
500
0
250
kHz
tSKH
SK High Time
250
¾
1000
¾
2000
¾
ns
tSKL
SK Low Time
250
¾
1000
¾
2000
¾
ns
tCSS
CS Setup Time
50
¾
200
¾
200
¾
ns
tCSH
CS Hold Time
0
¾
0
¾
0
¾
ns
tCDS
CS Deselect Time
250
¾
250
¾
1000
¾
ns
tDIS
DI Setup Time
100
¾
200
¾
400
¾
ns
tDIH
DI Hold Time
100
¾
200
¾
400
¾
ns
tPD1
DO Delay to
²1²¾
250
¾
1000
¾
2000
ns
tPD0
DO Delay to
²0²¾
250
¾
1000
¾
2000
ns
tSV
Status Valid Time
¾
250
¾
250
¾
250
ns
tHZ
DO Disable Time
¾
100
¾
200
¾
400
ns
tPR
Write Cycle Time
¾
5
¾
5
¾
5ms
A.C. Test Conditions
Input rise and fall time: 5ns (1V to 2V)
Input and output timing reference levels: 1.5V
Output load circuit: See Figure right
HT93LC86
Rev. 1.40
3
July 10, 2009
D O
8 0 0 W
1 0 0 p F *
V C C = 1 . 9 5 2 V
N o t e : * l n c l u d i n g s c o p e a n d j i g
H i - Z
C S
S K
D O
D I
t C D S
t C S S
t C S H
t S K L
t S K H
t D I S
t D I H
t P D 1
t P D 0
V a l i d D a t a
V a l i d D a t a


Similar Part No. - HT93LC86_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86 Datasheet
127Kb / 12P
   CMOS 16K 3-Wire Serial EEPROM
More results

Similar Description - HT93LC86_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86 Datasheet
127Kb / 12P
   CMOS 16K 3-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
   CMOS 16K 2-Wire Serial EEPROM
logo
Sanyo Semicon Device
LE24L162 SANYO-LE24L162 Datasheet
194Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (16k EEPROM)
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
   16K / 32K / 64Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com