Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD211-22V-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LFD211-22V-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD211-22V-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD211-22V-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD211-22V-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD211-22V-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD211-22V-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD211-22V-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD211-22V-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD211-22V-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD211-22V-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD211-22V-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4.1
9.7
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
LFD211/22V-XX-PF
Package Dimensions
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/8
8.0
(0.315")
10.0
(0.394")
7.0
(0.28)
4.8
±0.5
PIN NO.1
2.54X5=12.7
(0.5")
LFD211/22V-XX-PF
LIGITEK
A
G
E
D
F
C
DP
B
32.1(1.264")
DIG.1
DP2
DIG.2
DIG.3
DP1
DIG.4
5.8
(0.228")
Ø0.45
TYP


Similar Part No. - LFD211-22V-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD211-22-XX LIGITEK-LFD211-22-XX Datasheet
99Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results

Similar Description - LFD211-22V-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-21-XX LIGITEK-LFD211-21-XX Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-S1-PF LIGITEK-LFD265-6A-XX-S1-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com