Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD415-64-XX-T Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LFD415-64-XX-T
Description  FOUR DIGIT LED DISPLAY (0.39 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD415-64-XX-T Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD415-64-XX-T Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD415-64-XX-T Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD415-64-XX-T Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD415-64-XX-T Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD415-64-XX-T Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD415-64-XX-T Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD415-64-XX-T Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD415-64-XX-T Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
0.3
TYP
LFD415/64-XX/T
LIGITEK
2.54X7=17.78
(0.7")
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PIN NO.1
0.5
TYP
3.0 ~ 3.5
C
E
D
DP
G
F
B
A
DP1
40.18(1.582")
DIG.1
10.0
(0.39")
DIG.2
DP2
Package Dimensions
LFD415/64-XX/T
PART NO.
7.0
(0.276")
DIG.3
DIG.4
DP3
12.8
(0.504")
10.16
(0.4")
Page 1/7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LFD415-64-XX-T

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD415-64-XX-KP126 LIGITEK-LFD415-64-XX-KP126 Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX-PF LIGITEK-LFD415-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP10-PF LIGITEK-LFD415-64-XX-RP10-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-SRP10-2-PF LIGITEK-LFD415-64-XX-SRP10-2-PF Datasheet
114Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

Similar Description - LFD415-64-XX-T

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6A-XX-F2-PF LIGITEK-LFD4K5-6A-XX-F2-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6SBKS-XX-F2 LIGITEK-LFD4K5-6SBKS-XX-F2 Datasheet
108Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F1-PF LIGITEK-LFD4K5-61-XX-F1-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F6-PF LIGITEK-LFD4K5-61-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62V-XX-S7-PF LIGITEK-LFD4K5-62V-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62-XX-F6-PF LIGITEK-LFD4K5-62-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com