Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7610B Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7610B
Description  General Purpose PIR Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7610B Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7610B Datasheet HTML 4Page - Holtek Semiconductor Inc HT7610B Datasheet HTML 5Page - Holtek Semiconductor Inc HT7610B Datasheet HTML 6Page - Holtek Semiconductor Inc HT7610B Datasheet HTML 7Page - Holtek Semiconductor Inc HT7610B Datasheet HTML 8Page - Holtek Semiconductor Inc HT7610B Datasheet HTML 9Page - Holtek Semiconductor Inc HT7610B Datasheet HTML 10Page - Holtek Semiconductor Inc HT7610B Datasheet HTML 11Page - Holtek Semiconductor Inc HT7610B Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HT761xB TRIAC Application Circuit
Note:
Adjust
²*² to fit various CDS.
Change
²**² to obtain the desired adjusting range of output duration.
Change the value of
²***² to 0.15mF/ 600V for AC 220V application.
HT761X
Rev. 1.30
9
October 12, 2009


Similar Part No. - HT7610B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7610B HOLTEK-HT7610B Datasheet
181Kb / 13P
   General Purpose PIR Controller
More results

Similar Description - HT7610B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com