Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7610 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7610
Description  General Purpose PIR Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7610 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7610 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HT761X
Rev. 1.30
6
October 12, 2009
· Options for setting the comparator window to be
1
16
,
1
11.3
or
1
9
(VDD
-VEE).
The default is
1
16
(VDD
-VEE).
PIR Amplifier
Consult the diagram below for details on the PIR front
end amplifier.
In the Fig.2 below there are 2 op-amps with different ap-
plications. OP1 can be used independently as a first
stage inverting or non-inverting amplifier for the PIR.
As the output of OP2 is directly connected to the input of
the comparator, it is used as a second stage amplifying
device. The non-inverting input of OP2 is connected to
the comparator
¢s window center point and can be used
to check this voltage and to provide a bias voltage that is
equal to the center point voltage of the comparator. In
Fig.2 the comparator can have 3 window levels set by
mask option. 1.
1
16
(VDD
-VEE), 2.
1
11.3
(VDD-VEE),
3.
1
9
(VDD
-VEE).
If the window level fails to be specified the default win-
dow is set to
1
16
(VDD
-VEE). The preset voltage of
VDD
-VEE is 4V. The default values of VCP and VCN are
therefore 0.25V, ()
4
16
V .
Second Stage Amplifier
Usually the second stage PIR amplifier is a simple ca-
pacitively coupled inverting amplifier with a low pass
configuration. The noninverting input terminal is biased
to the center point of the comparator window and the
output of the second stage amplifier is directly coupled
to the comparator center point.
In Fig.3 OP2P is directly connected to the comparator
window center, and with the C3 filter it can act as the
bias for OP2. For this configuration AV =
R2
R1
, low cutoff
frequency fL=
1
2R1C1
, high cutoff frequency
fH=
1
R2C2
2
. By changing the value of R2 the sensitiv-
ity can be varied. C1 and C3 should be of low leakage
types to prevent the DC operating point from changing
due to current leakage.
Each op-amp current consumption is approximately
5
mA with the op-amps and comparator¢s working volt-
age all provided by the regulator.
Consult the following diagrams for typical PIR front end
circuit.
First Stage of PIR Amplifier
Fig.4 shows a typical first stage amplifier. C2 and R2
form a simple low pass filter with cut off frequency at
7Hz. The low frequency response is governed by R1
and C1 with cut-off frequency at 0.33Hz.
AV =
(R1+ R2 )
R1
O P 1
O P 2
V C P
V C N
R e g u l a t o r
C o m p a r a t o r
O P 1 O
O P 1 N
O P 1 P
O P 2 O
O P 2 N
O P 2 P
V E E
V D D
Fig.2 PIR Amplifier
R 1
2 2 k W
f i r s t s t a g e
o u t p u t
C 1
2 2 m F
C 2
0 . 0 2 2 m F
O P 2 N
O P 2 P
O P 2
O P 2 O
R W
R W
V E E
R W
R W
C 3
1 0 m F
R 2
1 M W
V D D
V D D
Fig.3 Typical Second Stage Amplifier
p
p


Similar Part No. - HT7610

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7610 HOLTEK-HT7610 Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
   General Purpose PIR Controller
HT7610B HOLTEK-HT7610B Datasheet
181Kb / 13P
   General Purpose PIR Controller
More results

Similar Description - HT7610

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com