Electronic Components Datasheet Search |
|
HT7610 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc |
|
HT7610 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc |
7 / 12 page Timing Diagram Note: The output is activated if the trigger signal conforms to the following criteria: · More than 3 triggers within 2 seconds · A trigger signal sustain duration ³ 0.34 secs · 2 trigger signals within 2 secs with one of the trigger signal sustain ³ 0.16 secs. The effective comparator output width can be selected to be 24ms or 32ms or 48ms by mask option. The default is 24ms (system frequency=16kHz). The output duration is set by an external RC that is connected to the OSCD pin. HT761X Rev. 1.30 7 October 12, 2009 Fig.4 and Fig.5 are similar but in Fig.5 the input signal of amplifier is taken from the drain of the PIR. This has higher gain than that in Fig.4. Since OP1 is a PMOS in- put VD, it has to be greater than 1.2V for adequate oper- ation. D G S P I R 5 6 k W O P 1 O P 1 O U T V E E V E E C 1 2 2 m F R 1 2 2 k W R 2 1 M W C 2 0 . 0 2 2 m F V D D Fig. 4 Typical First-Stage PIR D G S P I R O P 1 O P 1 O U T V E E C 1 5 1 0 0 m F R 4 5 6 k W V D V E E R 1 2 5 1 0 k W R 1 1 2 2 k W C 1 1 2 2 m F R 1 3 1 0 0 k W ~ 1 8 0 k W V D D C 1 2 0 . 0 4 7 Fig.5 High Gain First Stage 5 s e c + t r i g g e r l e v e l < 2 4 m s > 2 4 m s ( N o t e 1 ) - t r i g g e r l e v e l p o w e r - o n d e l a y t i m e O N R S T C D S O u t p u t E n a b l e C o m p a r a t o r I n p u t C o m p a r a t o r o u t p u t D e t e c t E n a b l e O N R E L A Y T R I A C T e s t E n a b l e 1 0 S t e s t e n a b l e 4 0 S ( N o t e 2 ) p u l s e o u t p u t ( N o t e 3 ) |
Similar Part No. - HT7610 |
|
Similar Description - HT7610 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |